Electronic Components Datasheet Search
  English  ▼

X  

M1963 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # M1963
Description  1-PHASE AC/DC POWER SUPPLY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M1963 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  M1963 Datasheet HTML 1Page - Enercon Technologies Europe AG M1963 Datasheet HTML 2Page - Enercon Technologies Europe AG M1963 Datasheet HTML 3Page - Enercon Technologies Europe AG M1963 Datasheet HTML 4Page - Enercon Technologies Europe AG M1963 Datasheet HTML 5Page - Enercon Technologies Europe AG M1963 Datasheet HTML 6Page - Enercon Technologies Europe AG M1963 Datasheet HTML 7Page - Enercon Technologies Europe AG M1963 Datasheet HTML 8Page - Enercon Technologies Europe AG M1963 Datasheet HTML 9Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page 2 of 9
Aug 10, 2021
|
Rev (g)
|
Doc: DS_M1963 Series
M1963 Series– AC/DC Power Supply
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Military (Airborne, ground-fix, shipboard), Ruggedized, Telecom, Industrial Power Supply
Special Features
• Miniature size
• High efficiency
• High power factor (up to 96%)
• Input / Output isolation
• Fixed switching freq. (450 kHz
for output converters)
• EMI filters included
• Remote inhibit (On/Off)
• Limited inrush current
• Non-latching protections:
o Overload/short-circuit
o Over temperature
Out
#
Option
Voltage
Range
Max
Current
Max
Power
1
A
0.8-12 V
5 A
60 W
B
0.8-40 V
3.5 A
2
A
0.8-12 V
5A
60 W
B
0.8-40 V
3.5 A
3
A
0.6-5 V
8 A
40 W
* Compliance dependent on specific configuration, and is achieved when using shielded interconnection cable.
Electrical Specifications
AC Input Single-phase 85 to
265 VAC
50/60/400 Hz
Output Voltage Regulation
Less than ±1% (no load to
full load, –40 C to +85 C at
baseplate).
Ripple and Noise
100150 mVp-p, typical
(max. 1%) without external
capacitance.
DC Output
Total output power: up to 130 W
Efficiency
83% Typical
(at nominal input voltage, full
load, room temperature)
Turn on Transient
Voltage overshoot at during
power on is less than 3% nominal
voltage.
Isolation
Input to Output: 500 VDC Input to
Case: 500 VDC Output to Case:
100 VDC Output to Output:
100 VDC
EMC
Designed to meet* MIL-STD-461F
CE102, CS101, CS114, CS115,
CS116 RE102, RS103.
CE101, RE101 and RS101
optional.
Input Current Harmonics
Meets current harmonics
requirements of MIL-STD-
1399:300B and EN 61000-3-2
Classes A, B and D.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com