Electronic Components Datasheet Search
  English  ▼

X  

M255 Datasheet(PDF) 4 Page - Enercon Technologies Europe AG

Part # M255
Description  HOLD-UP POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M255 Datasheet(HTML) 4 Page - Enercon Technologies Europe AG

  M255 Datasheet HTML 1Page - Enercon Technologies Europe AG M255 Datasheet HTML 2Page - Enercon Technologies Europe AG M255 Datasheet HTML 3Page - Enercon Technologies Europe AG M255 Datasheet HTML 4Page - Enercon Technologies Europe AG M255 Datasheet HTML 5Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M255 SERIES HOLD-UP POWER SUPPLY
Date: June 9, 2021
Rev (g)
Page 4 of 5
Description of Operation
The holdup unit is meant to be installed in front of a power supply, and not a standalone. It is used for input
voltage holding when a power failure occurs, such that if the input power returns to nominal limits in a
defined period of time, the load can't tell that a power failure had happened.
This unit is designed to be used with most of Milpower Source's DC/DC converters and DC/AC inverters
(consult factory for applicability to specific models).
During normal operation, an internal converter charges the external capacitor to 51 V.
In case a power failure occurs where the input voltage drops below 16 V, the input is disconnected from the
output via a MOSFET switch, and the external cap is connected to the output pins through another MOSFET
switch. The external cap is then discharged into the cascaded power supply, dropping towards 16V, where
the cascaded power supply ceases to operate.
When input power returns (it can happen during cap discharge or after complete loss of power), the
MOSFET switches disconnect the output from the external cap, reconnect the input to the output, and the
internal converter recharges the external cap back to 51 V, preparing it for the next power failure.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com