Electronic Components Datasheet Search
  English  ▼

X  

M255 Datasheet(PDF) 5 Page - Enercon Technologies Europe AG

Part # M255
Description  HOLD-UP POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M255 Datasheet(HTML) 5 Page - Enercon Technologies Europe AG

  M255 Datasheet HTML 1Page - Enercon Technologies Europe AG M255 Datasheet HTML 2Page - Enercon Technologies Europe AG M255 Datasheet HTML 3Page - Enercon Technologies Europe AG M255 Datasheet HTML 4Page - Enercon Technologies Europe AG M255 Datasheet HTML 5Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M255 SERIES HOLD-UP POWER SUPPLY
Date: June 9, 2021
Rev (g)
Page 5 of 5
Pin Assignment
Connector type: M55302/61-A30 or eq.
Mates with: M55302/62-A30M or eq.
Pin No.
Pin Function
Polarity
8, 9, 10, 23, 24, 25
VIN
(+)
11, 12, 13, 26, 27
VIN RTN
(–)
16
SYNC
(+)
17
SYNC RTN
(–)
1
VIN FAIL
(+)
2
VIN FAIL RTN
(–)
4, 19
EXTERNAL CAPACITOR
(+)
3, 18
EXTERNAL CAPACITOR RTN
(–)
5, 6, 7, 20, 21, 22
OUTPUT TO CONVERTER
(+)
14, 15, 28, 29, 30
OUTPUT TO CONVERTER RTN
(–)
Outline Drawing
Notes
1.
Dimensions are in Inches [mm]
2.
Tolerance is:
.XX 0.01 IN
.XXX 0.005 IN
3.
Weight: Approx. 2.7 Oz (75 gr)
Note: Specifications are subject to change without prior notice by the manufacturer



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com