Electronic Components Datasheet Search
  English  ▼

X  

M802 Datasheet(PDF) 3 Page - Enercon Technologies Europe AG

Part # M802
Description  DC/DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M802 Datasheet(HTML) 3 Page - Enercon Technologies Europe AG

  M802 Datasheet HTML 1Page - Enercon Technologies Europe AG M802 Datasheet HTML 2Page - Enercon Technologies Europe AG M802 Datasheet HTML 3Page - Enercon Technologies Europe AG M802 Datasheet HTML 4Page - Enercon Technologies Europe AG M802 Datasheet HTML 5Page - Enercon Technologies Europe AG M802 Datasheet HTML 6Page - Enercon Technologies Europe AG M802 Datasheet HTML 7Page - Enercon Technologies Europe AG M802 Datasheet HTML 8Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3 of 8
Dec 20, 2022
|
Rev g
|
Doc: DS_M802 Series
M802 SERIES DC/DC POWER SUPPLY
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Functions and Signals
INHIBIT
The INHIBIT signal is used to turn the power supply ON and OFF.
TTL “1”or OPEN – Power supply is ON (For normal operation, leave this pin unconnected.) TTL
“0” or SHORT to SIGNAL RTN – Power supply is OFF.
SYNC
The SYNC signal is used to allow the power supply's switching frequency to sync with the system clock. The
external clock's frequency can be 250 kHz ± 10 kHz.
When this pin is left open (unconnected) the power supply will synchronize to its internal clock, set at
250 kHz ± 10 kHz
SIGNAL RTN
The SIGNAL RTN is used as a return path for the SYNC and INHIBIT signals. This
pin is referenced to VIN RTN.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com