Electronic Components Datasheet Search
  English  ▼

X  

M802 Datasheet(PDF) 7 Page - Enercon Technologies Europe AG

Part # M802
Description  DC/DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M802 Datasheet(HTML) 7 Page - Enercon Technologies Europe AG

  M802 Datasheet HTML 1Page - Enercon Technologies Europe AG M802 Datasheet HTML 2Page - Enercon Technologies Europe AG M802 Datasheet HTML 3Page - Enercon Technologies Europe AG M802 Datasheet HTML 4Page - Enercon Technologies Europe AG M802 Datasheet HTML 5Page - Enercon Technologies Europe AG M802 Datasheet HTML 6Page - Enercon Technologies Europe AG M802 Datasheet HTML 7Page - Enercon Technologies Europe AG M802 Datasheet HTML 8Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page 7 of 8
Dec 20, 2022
|
Rev g
|
Doc: DS_M802 Series
M802 SERIES DC/DC POWER SUPPLY
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
TYPE B
Outputs Configuration Range
Output #
Voltage Range
Current Range
Power Range
1
1.25 to 100 VDC
0 to 8 A
10A
total
0 to 25 W
2
1.25 to 100 VDC
0 to 5 A
0 to 10 W
3
1 to 100 VDC
0 to 5 A
0 to 10 W
4
1.5 to 50 VDC
0 to 5 A
0 to 40 W
5
1.5 to 50 VDC
0 to 5 A
0 to 40 W
6
5 to 18 VDC
0 to 5 A
0 to 25 W
7
5 to 18 VDC
0 to 1 A
0 to 15 W
8
-5 to -18 VDC
0 to 1 A
0 to 15 W
Total
0 to 150 W
Pin Assignment
Connector type: M55302/61-A36 or eq.
Mating connector type: M55302/62-A36M (solder cup termination) or M55302/66-32M (#22
AWG crimp termination) or eq.
Pin #
Function
P
Pin #
Function
P
Pin #
Function
P
1
OUT 6
+
13
INPUT
+
25
OUT 1
+
2
OUT 6
+
14
INPUT
+
26
OUT 4 RTN
–
3
OUT 5 RTN
–
15
OUT 1
+
27
OUT 4
+
4
OUT 5 RTN
–
16
OUT 1,2,3 RTN
–
28
INPUT RTN
–
5
OUT 5
+
17
OUT 2
+
29
INPUT RTN
–
6
OUT 8
–
18
OUT 3
+
30
INPUT
+
7
OUT 7,8 RTN
19
OUT 6 RTN
–
31
INPUT
+
8
OUT 7
+
20
OUT 6 RTN
–
32
OUT 1
+
9
OUT 4 RTN
–
21
SIGNAL RTN
–
33
OUT 1,2,3 RTN –
10
OUT 4
+
22
OUT 5
+
34
OUT 1,2,3 RTN –
11
INPUT RTN
–
23
INHIBIT
+
35
OUT 2
+
12
INPUT RTN
–
24
SYNC
+
36
OUT 3
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com