Electronic Components Datasheet Search
  English  ▼

X  

QPA2040DEVB01 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPA2040DEVB01
Description  20 – 40 GHz 2 Watt GaN Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2040DEVB01 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPA2040DEVB01 Datasheet HTML 1Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 2Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 3Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 4Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 5Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 6Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 7Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 8Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
© Qorvo U.S. Inc.
Qorvo® Confidential & Proprietary Information
QPA2040D
20 – 40 GHz 2 Watt GaN Power Amplifier
Data Sheet Rev. A, March 2023
Subject to change without notice | All rights reserved
2 of 23
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Value / Range
Drain Voltage (VD)
29.5 V
Gate Voltage Range (VG)
−5 V to 0 V
Drain Current (ID1)
160 mA
Drain Current (ID2)
300 mA
Drain Current (ID3)
590 mA
Gate Current (IG)
See plot pg. 18
Power Dissipation (PDISS), 85 °C
17
Input Power (PIN
), 50 Ω,
VD=18 V, IDQ = 462 mA, 85 °C
27 dBm
Input Power (PIN), 3:1 VSWR,
VD=18 V, IDQ = 462 mA, 85 °C
27 dBm
Soldering Temperature (30 s max.)
320 °C
Storage Temperature
−55 to +150 °C
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress ratings
only, and functional operation of the device at these conditions
is not implied.
Recommended Operating Conditions
Parameter
Value / Range
Drain Voltage (VD)
18 V
Drain Current (IDQ)
462 mA
Operating Temperature
−40 to +85 °C
Electrical
specifications
are
measured
at
specified
test
conditions.
Specifications
are
not
guaranteed
over
all
recommended operating conditions.
Electrical Specifications
Parameter
Min
Typ
Max
Units
Operational Frequency
20
40
GHz
Output Power (PIN=21 dBm)
33.5
dBm
Power Added Efficiency (PIN=21 dBm)
13.0
%
Small Signal Gain
24.3
dB
Input Return Loss
14
dB
Output Return Loss
9
dB
POUT
Temp. Coeff. (85 °C to −40 °C, PIN = 21 dBm)
−0.009
dB/°C
Sm. Sig. Gain Temp. Coefficient (85 °C to
−40 °C)
−0.073
dB/°C
Test conditions, unless otherwise noted: T = +25 °C, VD = 18 V, IDQ = 462 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com