Electronic Components Datasheet Search
  English  ▼

X  

QPA2040DEVB01 Datasheet(PDF) 21 Page - Qorvo, Inc

Part # QPA2040DEVB01
Description  20 – 40 GHz 2 Watt GaN Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2040DEVB01 Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button QPA2040DEVB01 Datasheet HTML 15Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 16Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 17Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 18Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 19Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 20Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 21Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 22Page - Qorvo, Inc QPA2040DEVB01 Datasheet HTML 23Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
© Qorvo U.S. Inc.
Qorvo® Confidential & Proprietary Information
QPA2040D
20 – 40 GHz 2 Watt GaN Power Amplifier
Data Sheet Rev. A, March 2023
Subject to change without notice | All rights reserved
21 of 23
www.qorvo.com
®
Mechanical Information
Dimensions are in mm
Thickness: 0.050
Die x, y size tolerance: ± 0.050
Ground is backside of die
Bond Pad Description
Pad No.
Symbol
Pad Size (um)
Description
1
RF IN
88 x 132
RF input. 50 Ohms. DC blocked, DC grounded.
2
VD1
142 x 92
Drain voltage stage 1. Bypass network required; refer to page 18.
3
VD2
142 x 92
Drain voltage stage 2. Bypass network required; refer to page 18.
4
VD3
430 x 92
Drain voltage stage 3. Bypass network required; refer to page 18.
5
RF OUT
88 x 132
RF output. 50 Ohms. DC blocked, DC grounded.
6
VG3
92 x 92
Gate voltage stage 3. Bypass network required; refer to page 18.
7
VG2
92 x 92
Gate voltage stage 2. Bypass network required; refer to page 18.
8
VG1
92 x 92
Gate voltage stage 1. Bypass network required; refer to page 18.
1.882
1.812
0.720
0.100
0.000
0.295
1
2
3
4
5
8
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com