Electronic Components Datasheet Search
  English  ▼

X  

LTC6079 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6079
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6079 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6079 Datasheet HTML 10Page - Linear Technology LTC6079 Datasheet HTML 11Page - Linear Technology LTC6079 Datasheet HTML 12Page - Linear Technology LTC6079 Datasheet HTML 13Page - Linear Technology LTC6079 Datasheet HTML 14Page - Linear Technology LTC6079 Datasheet HTML 15Page - Linear Technology LTC6079 Datasheet HTML 16Page - Linear Technology LTC6079 Datasheet HTML 17Page - Linear Technology LTC6079 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC6078/LTC6079
14
60789fa
TYPICAL APPLICATIO S
Precision Sample-and-Hold
Thermistor Amplifier with Overtemperature Alarm
60789 TA12
VOUT
TOV
100k
100k
29.4k
100k
0.01
µF
50k
178k
71.5k
A TO D: LTC6079, VDD = 2.7V TO 5.5V, VSS = GND
VOUT = 0 → 1V FOR 0°C TO 100°C, LINEAR
TOV → HIGH WHEN T ≥ 90°C
YSI #44201
THERMOLINEAR
NETWORK
–
+
C
–
+
B
+
–
D
–
+
A
3200
Ω
200k
H
6250
Ω
B
VDD
1k
LT1634
1.25V
GAIN TRIM
20k
143k
OFFSET TRIM
60789 TA13
VOUT
VIN
VDD
0.1
µF
9
6
ISUPPLY < 200µA
VOLTAGE DROOP = 130nV/ms TYP
SLEW RATE = 0.05V/ms TYP
ACQ TIME = 84
µs TYP TO 0.1%
S/H
+
–
LTC6078
A
LTC6943
14
+
–
LTC6078
B
7
1
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com