Electronic Components Datasheet Search
  English  ▼

X  

LTC6079 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6079
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6079 Datasheet(HTML) 4 Page - Linear Technology

  LTC6079 Datasheet HTML 1Page - Linear Technology LTC6079 Datasheet HTML 2Page - Linear Technology LTC6079 Datasheet HTML 3Page - Linear Technology LTC6079 Datasheet HTML 4Page - Linear Technology LTC6079 Datasheet HTML 5Page - Linear Technology LTC6079 Datasheet HTML 6Page - Linear Technology LTC6079 Datasheet HTML 7Page - Linear Technology LTC6079 Datasheet HTML 8Page - Linear Technology LTC6079 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC6078/LTC6079
4
60789fa
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V
+ = 3V, V– = 0V, VCM = 0.5V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
C, I SUFFIXES
H SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
IS
Supply Current
(per Amplifier)
No Load
●
54
72
78
54
72
80
μA
μA
Shutdown Current
(per Amplifier)
Shutdown, VSHDN ≤ 0.8V, LTC6078DD
●
0.3
1
μA
VS
Supply Voltage Range
Guaranteed by the PSRR Test
●
2.7
5.5
2.7
5.5
V
Channel Separation
fs = 10kHz, RL = 10k
–110
–110
dB
Shutdown Logic
SHDN High, LTC6078DD
SHDN Low, LTC6078DD
●
●
2
0.8
2
0.8
V
V
tON
Turn on Time
VSHDN = 0.8V to 2V, LTC6078DD
50
50
µs
tOFF
Turn off Time
VSHDN = 2V to 0.8V, LTC6078DD
2
2
µs
Leakage of SHDN Pin
VSHDN = 0V, LTC6078DD
0.6
μA
The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. Test
conditions are V+ = 5V, V– = 0V, VCM = 0.5V unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
C, I SUFFIXES
H SUFFIX
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Offset Voltage
LTC6078MS8, LTC6078AMS8, LTC6079GN
VCM = 0.5V
LTC6078DD, LTC6079DHC
VCM = 0.5V
LTC6078AMS8
VCM = 0.5V
LTC6078MS8
VCM = 0.5V
LTC6079GN
VCM = 0.5V
LTC6078DD
VCM = 0.5V
LTC6079DHC
VCM = 0.5V
●
●
●
●
●
±10
±10
±20
±25
±30
±30
±35
±30
±35
±75
±102
±120
±125
±155
±10
±25
±30
±35
±30
±100
±140
±170
μV
μV
μV
μV
μV
μV
μV
ΔVOS ⁄ΔT Input Offset Voltage Drift
(Note 7)
LTC6078AMS8
LTC6078MS8
LTC6078DD, LTC6079GN
LTC6079DHC
●
●
●
●
±0.2
±0.3
±0.3
±0.7
±1.1
±1.4
±1.8
±0.2
±0.3
±0.7
±1.1
±1.4
μV/°C
μV/°C
μV/°C
μV/°C
IB
Input Bias Current
VCM = V
+/2
VCM = V
+/2
●
0.2
10
1
50
0.2
150
1
350
pA
pA
IOS
Input Offset Current
VCM = V
+/2
VCM = V
+/2
●
0.1
0.5
25
0.1
10
100
pA
pA
en
Input Noise Voltage
0.1Hz to 10Hz
1
1
µVP-P
Input Noise Voltage Density
f = 1kHz
f = 10kHz
18
16
18
16
nV/√Hz
nV/√Hz
in
Input Noise Current Density
(Note 8)
0.56
0.56
fA/√Hz
Input Common Mode Range
●
V–
V+
V–
V+
V
CDIFF
Differential Input Capacitance
10
10
pF
CCM
Common Mode Input
Capacitance
18
18
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com