Electronic Components Datasheet Search
  English  ▼

X  

309 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 309
Description  Military Grade Ethernet Switch On Board (ESoB)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

309 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  309 Datasheet HTML 1Page - Enercon Technologies Europe AG 309 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
One of the most exciting advancement in technology
over the last decade has been unmanned vehicles
including:
• Unmanned aerial vehicles (UAVs) or Drones
• Land autonomous vehicles (UGVs)
• Robots
• Other unmanned support vehicles
These vehicles must be agile, compact and highly
intelligent. In order to support this sophisticated
intelligence, these platforms may have to carry and
connect a variety of Ethernet-based devices including
computers, sensors, and targeting systems - all in
compact platforms that must operate in extreme
environmental conditions.
MILTECH™ 309
Military Grade Ethernet Switch On Board (ESoB)
PRODUCT DESCRIPTION
The MILTECH309 is a rugged, cost-effective, ultra-
compact board-level Ethernet switching solution that
is the smallest solution available on the market today.
Equipped with 8 Fast Ethernet 10/100 ports, this board -
level switch is ideal for integrating in to system level
solutions through board-to-board connectors.
The MILTECH 309 consumes only 2W of power and
uses 5VDC, which can be supplied through a USB
connection. Its ruggedized design feature mechanical
packaging enhancements designed for MILSTD-461E,
MILSTD-810F/G/GM and IP68 compliance when
installed in an appropriate enclosure.
SPECIFICATIONS
•
8 x switched 10/100 (Fast Ethernet) ports
ETHERNET PORTS:
•
Full wire-speed forwarding rate
•
Store-and-forward mechanism
•
Auto MDI-II, MDI-X
•
Auto-Negotiation Protocol
•
Address Look-Up
NETWORKING:
•
Power + LAN Connector: Samtec board to board
connector: ERM8-010-02.0-L-DV-K-TR
CONNECTORS:
•
MILSTD-461E, MILSTD-810F/G/GM, IP68 when
installed in an appropriate chassis
STANDARDS:
•
128K Byte of SRAM for Frame Buffering
•
2.0Gbps High-Performance Memory Bandwidth
•
LED indication (Speed, Link/Activity) per port -
Optional
•
Wire-Speed Reception and Transmission
•
Integrated Address Look-Up Engine
•
Automatic Address Learning
PERFORMANCE:


Similar Part No. - 309

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
309 ETC2-309 Datasheet
122Kb / 1P
Measure Earth Resistance (20/200/2000廓 ranges)
logo
Marathon Special Produc...
309 MARATHON-309 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
Apex Electronics Co., L...
309-000X APEX-ELECTRONICS-309-000X Datasheet
175Kb / 3P
Slotted Bits
logo
Multicomp Pro
309-0010 MULTICOMP-309-0010 Datasheet
108Kb / 1P
Heat Sealer Spares
29/07/22 V1.0
logo
Apex Electronics Co., L...
309-00X APEX-ELECTRONICS-309-00X Datasheet
175Kb / 3P
Slotted Bits
More results

Similar Description - 309

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PLB2800 INFINEON-PLB2800 Datasheet
124Kb / 2P
Configurable Ethernet Switch-on-a-Chip
2003-05-01
logo
Kemet Corporation
C410C104 KEMET-C410C104 Datasheet
580Kb / 40P
MILITARY SPECIFCATIONS ON BACK
logo
List of Unclassifed Man...
RTH06BS103F ETC2-RTH06BS103F Datasheet
79Kb / 1P
NTC Military Grade Thermistors
057152U6R3FE2 ETC2-057152U6R3FE2 Datasheet
175Kb / 4P
Military Grade, Axial Leaded, Aluminum
logo
STATEK CORPORATION
LHGAT STATEK-LHGAT Datasheet
209Kb / 2P
Leaded Military Grade/High Shock
logo
Bi technologies
165 BITECH-165 Datasheet
46Kb / 3P
Custom Hybrid Military Grade Microcircuit
logo
Red Lion Controls. Inc
MIL314 REDLION-MIL314 Datasheet
778Kb / 4P
Managed Layer 3 Military-Rated Ethernet Switch
ET-8XS-MIL REDLION-ET-8XS-MIL Datasheet
888Kb / 4P
Military-Rated Industrial Ethernet Switch
logo
All Sensors Corporation
0.3PSI-G-4V-MIL-ND ASC-0.3PSI-G-4V-MIL-ND Datasheet
47Kb / 4P
Military Temperature Grade
Rev A
logo
Microchip Technology
EVB-KSZ9477 MICROCHIP-EVB-KSZ9477 Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com