Electronic Components Datasheet Search
  English  ▼

X  

309 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 309
Description  Military Grade Ethernet Switch On Board (ESoB)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

309 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  309 Datasheet HTML 1Page - Enercon Technologies Europe AG 309 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
2
SPECIFICATIONS
IEEE 802.3 10 Mbps 10BASE-T (Ethernet
IEEE 802.3u 100BASE-TX 100 Mbps (Fast Ethernet)
IEEE 802.3x Flow Control
STANDARDS COMPLIANCE:
Voltage Input: 5Vdc Nominal - Optional USB Sourcing
Power Consumption: 2W Typical
Chassis grounding
POWER:
MIL-STD-461E Electromagnetic compatibility
CE-102 | CS-114 | CS-115 | CS-116 | RE-102 | RS-103
*When installed in an appropriate chassis
ELECTROMAGNETIC:
MILSTD-810F/G/GM
Random vibration (514.5I) | Bench Handling (516.6VI) | High Temp.(501.5I,II) | Low Temp.(502.5I) | Humidity
(507.5II) | Air Pressure (500.5I,II) | Blowing Rain (506.5I) | Immersion (512.5I) | Salt Atmosphere (509.5I) |
Blowing Dust (510.5I) | Loose Cargo Vibration (514.6II) | Wind Analysis
IP68
*When installed in an appropriate chassis
ENVIRONMENTAL:
Dimensions: 71mm (L) x 43.18mm(W) x 11.4mm(H)
Dimensions: 2.79”(L) x 1.69”(W) x 0.43”(H)
Weight: 40g
PHYSICAL:
6 x mounting holes for board to board mounting
INSTALLATION:
No Moving Parts. Passive Cooling
COOLING:
-45ºC to +85ºC (-49ºF to +185ºF) - Cold Start-Up
OPERATING TEMP:
-45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP:
MILTECH™ 309
Military Grade Ethernet Switch On Board (ESoB)
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
MILTECH309, MIL-STD military, 8 x 10/100TX, ESoB
1-309-000
Evaluation board for MILTECH309
1-309EV-000
A
B
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com