Electronic Components Datasheet Search
  English  ▼

X  

404 Datasheet(PDF) 3 Page - Enercon Technologies Europe AG

Part # 404
Description  Integrated Soldier Power and Data Management System (ISPDS) with Integrated SOM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

404 Datasheet(HTML) 3 Page - Enercon Technologies Europe AG

  404 Datasheet HTML 1Page - Enercon Technologies Europe AG 404 Datasheet HTML 2Page - Enercon Technologies Europe AG 404 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. A
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
3
32.0 (x2)
60.0 (x2)
88.0 (x2)
COG
109.3
120.0
61.4
90.0
DRILL & TAP FOR #4-40
HELICOIL Insert = 1.5 * Dia.
COG
NAME PLATE
COG
8070-1153-07ZNU6-6FC
Glenair
(WITHOUT PLASTIC COVER)
109.3
DARK MODE
8070-1153-07ZNU6-6FC
Glenair
(WITHOUT PLASTIC COVER)
8070-1153-07ZNU6-6EA
Glenair
(WITHOUT PLASTIC COVER)
NOTES:
1. MATERIAL
: AL.ALLOY 6061-T651 PER AMS QQ-250/11 OR AMS QQ-A-225/B.
2. THE SOLID MODEL FILE MAY BE USED FOR MANUFACTURING AND DIMENSIONAL MEASUREMENT PURPOSES
AND SHALL BE USED FOR DEFINITION OD DIMENSIONS NOT EXPLICITLY SPECIFIED ON THE DRAWING.
ALL NOTES AND DIMENSIONAL REQUIREMENTS SPECIFIED ON THE DRAWING ARE OBLIGATORY.
3. FINISH: CHEMICAL CONVERSION COATING (YELLOW) PER MIL-C-5541F, CLASS 1A (RoHs COMPLIED).
4. PAINTING: PAINTED ON EXTERNAL SURFACES ONLY,OR IN ASSEMBLY WITH COVER.
4.1 ONE LAYER OF PRIMER.
4.2 PRIMER EPOXY COATING PER MIL-DTL-53022E, TYPE II, THICKNESS OF 1 LAYER OF 20-30mkm.
4.3 TOP COATING POLYURETHANE PER MIL-C-83286B, TYPE II, CLASS H, THICKNESS OF 2 LAYERS OF 45-60 mkm.
COLOR PER ORDER.
5. APPROX WEIGHT- TBD grm.
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
EC18000099
RTP
12/11/2018
DROR S.
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
MILTECH 404
1.00
D
E
F
A3
SHEET 1 OF 1
SCALE: 1:2
DWG NO.
TITLE:
DWG REV.
1-404-000-icd
PART NO:
PROJECT:
WEIGHT:
[g]
DSGN'D
SEE NOTES
UDI
EINAM
SEE NOTES
DROR S.
DRAWN
CHK'D
APPV'D
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
FINISH:
NAME
SIGNATURE
DATE
MATERIAL:
DO NOT SCALE DRAWING
FILE NAME: \\192.168.1.250\Techaya Documents\Mechanical\PROJECTS SW\404 (SMART HUB)\MODEL\1-404-000-icd
11/12/2018
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H12
- SHAFTS & EXTERNAL DIMENSIONS: h12
DEBURR & SHARP EDGES 0.2X45
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
SURFACE
ROUGHNESS:
5
6
7
8
LAST UPDATE: 1/24/2019
PRINTED ON: 1/24/2019
B
A
8
7
6
4
C
5
1
2
3
A
B
4
3
2
1
C
F
E
D
DROR S.
Miniature Smart Power
and Communication Grid
1-404-000-icd
11/12/2018
11/12/2018
11/12/2018
MILTECH™ 404
Integrated Soldier Power and Data Management System (ISPDS) with Integrated SOM
A
C
B
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
Integrated Soldier Power and Data Management System (ISPDS) with Integrated SOM
1-404-002
AUX Harness for MILTECH 404
2-CBL404AUX
Battery Harness for MILTECH 404
2-CBL404BAT
LAN Harness for MILTECH 404
2-CBL404LAN
PAN 1-3 Harness for MILTECH 404
2-CBL404PAN
32.0 (x2)
60.0 (x2)
88.0 (x2)
COG
109.3
120.0
61.4
90.0
DRILL & TAP FOR #4-40
HELICOIL Insert = 1.5 * Dia.
COG
NAME PLATE
COG
8070-1153-07ZNU6-6FC
Glenair
(WITHOUT PLASTIC COVER)
109.3
DARK MODE
8070-1153-07ZNU6-6FC
Glenair
(WITHOUT PLASTIC COVER)
8070-1153-07ZNU6-6EA
Glenair
(WITHOUT PLASTIC COVER)
NOTES:
1. MATERIAL
: AL.ALLOY 6061-T651 PER AMS QQ-250/11 OR AMS QQ-A-225/B.
2. THE SOLID MODEL FILE MAY BE USED FOR MANUFACTURING AND DIMENSIONAL MEASUREMENT PURPOSES
AND SHALL BE USED FOR DEFINITION OD DIMENSIONS NOT EXPLICITLY SPECIFIED ON THE DRAWING.
ALL NOTES AND DIMENSIONAL REQUIREMENTS SPECIFIED ON THE DRAWING ARE OBLIGATORY.
3. FINISH: CHEMICAL CONVERSION COATING (YELLOW) PER MIL-C-5541F, CLASS 1A (RoHs COMPLIED).
4. PAINTING: PAINTED ON EXTERNAL SURFACES ONLY,OR IN ASSEMBLY WITH COVER.
4.1 ONE LAYER OF PRIMER.
4.2 PRIMER EPOXY COATING PER MIL-DTL-53022E, TYPE II, THICKNESS OF 1 LAYER OF 20-30mkm.
4.3 TOP COATING POLYURETHANE PER MIL-C-83286B, TYPE II, CLASS H, THICKNESS OF 2 LAYERS OF 45-60 mkm.
COLOR PER ORDER.
5. APPROX WEIGHT- TBD grm.
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
EC18000099
RTP
12/11/2018
DROR S.
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
MILTECH 404
1.00
D
E
F
A3
SHEET 1 OF 1
SCALE: 1:2
DWG NO.
TITLE:
DWG REV.
1-404-000-icd
PART NO:
PROJECT:
WEIGHT:
[g]
DSGN'D
SEE NOTES
UDI
EINAM
SEE NOTES
DROR S.
DRAWN
CHK'D
APPV'D
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
FINISH:
NAME
SIGNATURE
DATE
MATERIAL:
DO NOT SCALE DRAWING
FILE NAME: \\192.168.1.250\Techaya Documents\Mechanical\PROJECTS SW\404 (SMART HUB)\MODEL\1-404-000-icd
11/12/2018
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H12
- SHAFTS & EXTERNAL DIMENSIONS: h12
DEBURR & SHARP EDGES 0.2X45
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
SURFACE
ROUGHNESS:
5
6
7
8
LAST UPDATE: 1/24/2019
PRINTED ON: 1/24/2019
B
A
8
7
6
4
C
5
1
2
3
A
B
4
3
2
1
C
F
E
D
DROR S.
Miniature Smart Power
and Communication Grid
1-404-000-icd
11/12/2018
11/12/2018
11/12/2018
32.0 (x2)
60.0 (x2)
88.0 (x2)
COG
109.3
120.0
61.4
90.0
DRILL & TAP FOR #4-40
HELICOIL Insert = 1.5 * Dia.
COG
NAME PLATE
COG
8070-1153-07ZNU6-6FC
Glenair
(WITHOUT PLASTIC COVER)
109.3
DARK MODE
8070-1153-07ZNU6-6FC
Glenair
(WITHOUT PLASTIC COVER)
8070-1153-07ZNU6-6EA
Glenair
(WITHOUT PLASTIC COVER)
NOTES:
1. MATERIAL
: AL.ALLOY 6061-T651 PER AMS QQ-250/11 OR AMS QQ-A-225/B.
2. THE SOLID MODEL FILE MAY BE USED FOR MANUFACTURING AND DIMENSIONAL MEASUREMENT PURPOSES
AND SHALL BE USED FOR DEFINITION OD DIMENSIONS NOT EXPLICITLY SPECIFIED ON THE DRAWING.
ALL NOTES AND DIMENSIONAL REQUIREMENTS SPECIFIED ON THE DRAWING ARE OBLIGATORY.
3. FINISH: CHEMICAL CONVERSION COATING (YELLOW) PER MIL-C-5541F, CLASS 1A (RoHs COMPLIED).
4. PAINTING: PAINTED ON EXTERNAL SURFACES ONLY,OR IN ASSEMBLY WITH COVER.
4.1 ONE LAYER OF PRIMER.
4.2 PRIMER EPOXY COATING PER MIL-DTL-53022E, TYPE II, THICKNESS OF 1 LAYER OF 20-30mkm.
4.3 TOP COATING POLYURETHANE PER MIL-C-83286B, TYPE II, CLASS H, THICKNESS OF 2 LAYERS OF 45-60 mkm.
COLOR PER ORDER.
5. APPROX WEIGHT- TBD grm.
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
EC18000099
RTP
12/11/2018
DROR S.
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
MILTECH 404
1.00
D
E
F
A3
SHEET 1 OF 1
SCALE: 1:2
DWG NO.
TITLE:
DWG REV.
1-404-000-icd
PART NO:
PROJECT:
WEIGHT:
[g]
DSGN'D
SEE NOTES
UDI
EINAM
SEE NOTES
DROR S.
DRAWN
CHK'D
APPV'D
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
FINISH:
NAME
SIGNATURE
DATE
MATERIAL:
DO NOT SCALE DRAWING
FILE NAME: \\192.168.1.250\Techaya Documents\Mechanical\PROJECTS SW\404 (SMART HUB)\MODEL\1-404-000-icd
11/12/2018
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H12
- SHAFTS & EXTERNAL DIMENSIONS: h12
DEBURR & SHARP EDGES 0.2X45
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
SURFACE
ROUGHNESS:
5
6
7
8
LAST UPDATE: 1/24/2019
PRINTED ON: 1/24/2019
B
A
8
7
6
4
C
5
1
2
3
A
B
4
3
2
1
C
F
E
D
DROR S.
Miniature Smart Power
and Communication Grid
1-404-000-icd
11/12/2018
11/12/2018
11/12/2018



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com