Electronic Components Datasheet Search
  English  ▼

X  

404 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 404
Description  Integrated Soldier Power and Data Management System (ISPDS) with Integrated SOM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

404 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  404 Datasheet HTML 1Page - Enercon Technologies Europe AG 404 Datasheet HTML 2Page - Enercon Technologies Europe AG 404 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. A
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
The modern digital soldier is a fully equipped, advanced
weapon and communication systems - outfitted with a
multitude of electronic devices. These devices, such as
a navigation systems, battery packs, headsets, warning
sensors, video visor for weapons, night vision glasses
and many more items, are necessary for “modern”
warfare. All of these devices have to communicate
by means of top quality, reliable connection and the
MILTECH404 does it all.
MILTECH404 is an integrated soldier power and data
management system (ISPDS) combining USB, serial,
and SMBUS communication along with full smart
power management for infantry soldiers. It has an
MILTECH™ 404
Integrated Soldier Power and Data Management System (ISPDS) with Integrated SOM
FEATURES DESCRIPTION
SPECIFICATIONS
•
1 x 10/100 (Fast Ethernet) port
•
3 x USB 2.0 ports
•
1 x Serial, RS-232
•
1 x External power source input (including SMBUS V.2.0),internal
charger
•
All ports provide both Vbat and 5Vdc according to net-warrior pin out
PORTS
•
Full Power management per port
• Online Current Measurement per port
• Instant Power ON/ Off per port
• Over Voltage / Short Circuit / Over current protections
• Online Power consumption per port
• Online Total System Power Consumption
• Batteries SoC (State of Charge) and Mission total time and
power remaining
• Intuitive interface GUI for full control on all power and system
parameters
•
Internal Battery Charger
•
Internal high-performance SOM (System on Module) Open
Architecture running Linux:
• Low Power Consumption
• 2 / 4 Cores ARM® Cortex™-A53 up to 1.5GHz
• Additional RT 266MHz ARM Cortex-M4 core
• Up to 4GB LPDDR4 RAM
• Up to 64GB eMMC boot and storage
• Internal BlueTooth-5 and WIFI (optional) with dedicated
antenna
• Easy installation of any customer Tactical application
• Connectors and Pin Assignment per Net-Warrior Standard
SYSTEM OVERVIEW
•
BAT: 8070-1153-07ZNU6-6EA
•
PAN1 - PAN3: 8070-1153-07ZNU6-6FC
•
ETH: 8070-1153-07ZNU6-6FC
•
AUX: 8070-1153-07ZNU6-6FC
CONNECTORS
internal powerful SOM running Linux OS for full
power management and open platform for any tactical
customer application.
The MILTECH404 outfits soldiers in the digital
battlefield with a lightweight, fully integrated infantry
combat ISPDS system. We offer a range of light-
weight adaptable systems that are ideally suited for
frontline forces in the most complex modern battlefield
scenarios. This new and unique concept aggregates
and delivers intelligence information along with all
required communication in a tiny, light weight package
that can be carried in smart combat vest solutions.


Similar Part No. - 404

ManufacturerPart #DatasheetDescription
logo
Bi technologies
404 BITECH-404 Datasheet
242Kb / 3P
Position Sensor
logo
Moxa Inc.
404 MOXA-404 Datasheet
703Kb / 4P
4 and 7-port industrial-grade USB hubs
logo
GS Yuasa Battery Sales ...
404 GSYUASABATTERY-404 Datasheet
248Kb / 1P
Capacity (20-hour) 77Ah
logo
Marathon Special Produc...
404 MARATHON-404 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
TT Electronics.
404 TTELEC-404 Datasheet
365Kb / 4P
Position Sensor
08/2024
More results

Similar Description - 404

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ATC210 ARTESYN-ATC210 Datasheet
487Kb / 16P
Integrated Power Conversion and Power Management Solution
logo
Cymbet Corporation
CBC3112-D7C CYMBET-CBC3112-D7C Datasheet
1Mb / 15P
EnerChip CC with Integrated Power Management
CBC3150-D9C CYMBET-CBC3150-D9C Datasheet
1Mb / 15P
EnerChip CC with Integrated Power Management
logo
Freescale Semiconductor...
MC13892_1107 FREESCALE-MC13892_1107 Datasheet
5Mb / 158P
Power Management Integrated
logo
Cymbet Corporation
CBC3150 CYMBET-CBC3150 Datasheet
935Kb / 16P
EnerChip CC with Integrated Power Management
CBC3112 CYMBET-CBC3112 Datasheet
1Mb / 16P
EnerChip CC with Integrated Power Management
CBC3105 CYMBET-CBC3105 Datasheet
1Mb / 12P
EnerChip CC with Integrated Power Management
DS-72-04 CYMBET-DS-72-04 Datasheet
1Mb / 16P
EnerChip CC with Integrated Power Management
DS-72-21 CYMBET-DS-72-21 Datasheet
1Mb / 12P
EnerChip CC with Integrated Power Management
logo
Advantech Co., Ltd.
IPS-M420-LFA-SG-C ADVANTECH-IPS-M420-LFA-SG-C Datasheet
251Kb / 1P
Integrated Power System and Remote Management Package
20-Sep-2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com