Electronic Components Datasheet Search
  English  ▼

X  

610 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 610
Description  Compact, Portable IP67 Military Fast Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

610 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  610 Datasheet HTML 1Page - Enercon Technologies Europe AG 610 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
Ethernet is becoming the standard for IP-based
components in a wide range of military and commercial
land, sea, and air applications. When building
communications where data prioritization is not a
concern and the amount of traffic is low, unmanaged,
Fast Ethernet switches can be an ideal solution.
The MILTECH 610’s small size, IP67 rugged construction,
and Fast Ethernet make it the ideal switching solution
for command post, ground mobile and airborne
applications. Its eight 10/100Mbps ports are plug-n-
play compatible with all Ethernet equipment, providing
network connectivity for most portable Ethernet devices,
including:
• Rugged computers
• Navigation devices
• Voice and video communication systems
• IP-based sensors
• Battlefield communication C4ISR
• Combat vehicles, avionic and shipboard systems
SPECIFICATIONS
•
8 x switched 10/100 (Fast Ethernet) ports
ETHERNET PORTS:
•
Full wire-speed forwarding rate
•
Store-and-forward mechanism
•
Auto MDI-II, MDI-X
•
Auto-Negotiation Protocol
•
Address Look-Up
NETWORKING:
•
Power Connector: D38999/24WA98PA
•
LAN Connector: D38999/24WA35SN
•
Indication Per Port (Link/Activity)
CONNECTORS:
•
Machined rugged aluminum
•
Conductively cooled w/custom internal heat-sinks
•
Ingress protection against sand, dust and moisture
•
Anodize Coating, MIL-A-8625, Type II, Class 2
CHASSIS:
•
MILSTD-1275 | MILSTD-704A | MILSTD-461E
| MILSTD-810F GM | IP67
STANDARDS:
MILTECH™ 610
Compact, Portable IP67 Military Fast Ethernet Switch
PRODUCT DESCRIPTION
The MILTECH 610 a robust unmanaged switch designed
for harsh environments that require LAN connectivity
between IP-enabled computers and peripherals.
The MILTECH 610 operates on readily available 24VDC
power and supports MIL-STD1275 so that it may be
powered directly from any available battery in the field.
The 610 is equipped with 8 LED link status indicator
lights.
The MILTECH’s mechanical packaging enhancements,
including ruggedized D38999 circular connectors, is
designed for MIL-STD-810F airborne and ground
environmental compliance and high reliability. Leveraging
best-in-class switching technology, the MILTECH 610
serves as a robust commercial off-the-shelf (COTS)
solution for rugged LAN connectivity.


Similar Part No. - 610

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
610 MARL-610 Datasheet
411Kb / 4P
횠6.35mm mounting Black anodised aluminium housing
logo
Oscilent Corporation
610 OSCILENT-610 Datasheet
146Kb / 2P
Low Profile
logo
Testo SE & Co. KGaA
610 TESTO-610 Datasheet
238Kb / 10P
Innovative Pocket-Sized Measurement Technology
logo
Carl Kammerling Interna...
610 CARL-610 Datasheet
161Kb / 3P
Tape5 tape measures
09/05/2007
logo
RCD COMPONENTS INC.
610-100 RCD-610-100 Datasheet
249Kb / 1P
ALUMINUM HOUSED RESISTORS
More results

Similar Description - 610

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONSWITCH-1UP7 YAMAICHI-Y-CONSWITCH-1UP7 Datasheet
277Kb / 1P
IP67 Protected 10BaseT / 100Base-TX Ethernet Switch
logo
Red Lion Controls. Inc
SLX-16MS-1 REDLION-SLX-16MS-1 Datasheet
394Kb / 3P
Managed Fast Ethernet Switch
MIL314 REDLION-MIL314 Datasheet
778Kb / 4P
Managed Layer 3 Military-Rated Ethernet Switch
ET-8XS-MIL REDLION-ET-8XS-MIL Datasheet
888Kb / 4P
Military-Rated Industrial Ethernet Switch
EB-GT-8ES1EP REDLION-EB-GT-8ES1EP Datasheet
489Kb / 2P
8 Port IP67 Unmanaged Industrial Ethernet Switch
108M12-HV REDLION-108M12-HV Datasheet
887Kb / 3P
IP67 Rated Unmanaged Industrial Ethernet Switch
108M12 REDLION-108M12 Datasheet
798Kb / 3P
IP67 Rated Unmanaged Industrial Ethernet Switch
105M12 REDLION-105M12 Datasheet
886Kb / 3P
IP67 Rated Unmanaged Industrial Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2528I-M12 ADVANTECH-EKI-2528I-M12 Datasheet
300Kb / 2P
8 port M12 Unmanaged Industrial Ethernet Switch, IP67
10-Apr-2019
logo
Molex Electronics Ltd.
987651-8091 MOLEX-987651-8091 Datasheet
573Kb / 2P
HarshIO IP67 Compact Modules for EtherNet/IP
2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com