Electronic Components Datasheet Search
  English  ▼

X  

610 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 610
Description  Compact, Portable IP67 Military Fast Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

610 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  610 Datasheet HTML 1Page - Enercon Technologies Europe AG 610 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
2
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
•
MILTECH610, military Rugged, 8 x 10/100TX, Switch
1-610-000
•
Power cable MILTECH-610, MIL-D38999 Connector, 3 meter length
2-CBL610PW3M
•
LAN cable for MILTECH 610, MIL-D38999 to RJ45 connector, 3 Meters length
2-CBL708LN3M
•
Carrying Handels Kit for MILTECH610
800-H-0610-000
SPECIFICATIONS
•
128K Byte of SRAM for Frame Buffering
•
2.0Gbps High-Performance Memory Bandwidth
•
2LED indication (Speed, Link/Activity) per port
•
Wire-Speed Reception and Transmission
•
Integrated Address Look-Up Engine
•
Automatic Address Learning
PERFORMANCE:
•
IEEE 802.3 10 Mbps 10BASE-T (Ethernet)
•
IEEE 802.3u 100BASE-TX 100 Mbps (Fast Ethernet)
•
IEEE 802.3x Flow Control
STANDARDS COMPLIANCE:
•
MIL-STD-1275B & MIL-STD 704A Surge and Spike protection
•
Voltage Input: 24Vdc Nominal (18-32V)
•
Power Consumption: 2.8W Typical
•
Chassis grounding
POWER:
•
MIL-STD-461E Electromagnetic compatibility
•
RE-02, RS-03
ELECTROMAGNETIC:
•
MIL-STD-810F | 501.4I | 501.4II | 502.4I | 502.4II | 507.4 | 500.4II | 514 | 516I | 516Vi | 514.5 | 512.4.
•
IP67
SHOCK/VIBRATION/HUMIDITY:
•
Dimensions: 269mm (L) x 133mm (W) x 71.7mm (H), including connectors
•
Dimensions: 10.6” (L) x 5.2” (W) x 2.8” (H), including connectors
•
Weight: 1.5kg
PHYSICAL:
•
Four 4 x 5.2 mounting holes on bottom for mounting to any flat surface
•
Carrying handles - Optional
INSTALLATION:
•
No Moving Parts. Passive Cooling
COOLING:
•
-45ºC to +85ºC (-49ºF to +185ºF) – Cold Start-Up
OPERATING TEMP:
•
-45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP:
B
C
MILTECH™ 610
Compact, Portable IP67 Military Fast Ethernet Switch
*All measurements are in millimeters
A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com