Electronic Components Datasheet Search
  English  ▼

X  

907 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 907
Description  Compact, Portable Military Managed Gigabit Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

907 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  907 Datasheet HTML 1Page - Enercon Technologies Europe AG 907 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
The MILTECH 907 is a MIL-STD, fully managed
military grade network switch offering 5 triple-speed
(10/100/1000Mbps) ports. It can be remotely managed to
optimizecommunicationsandprioritizecriticalinformation
traffic. Advanced network features, never before found in
a package of this size, include switching protocols, virtual
LANS (VLANS), traffic prioritization (QoS), and bandwidth
aggregation are standard. The MILTECH 907’s gigabit
speeds and 24VDC power make it instantly compatible
with network device and power systems.
The MILTECH 907 is widely used in battlefield
communications C4ISR, video, and sensor data acquisition,
andtransmission.Itsmechanicalpackagingenhancements,
includingHighDensityD-Type44pinconnector,isdesigned
for MIL-STD-810F airborne and ground environmental
compliance and high reliability. Leveraging best-in-class
MILTECH™ 907
Compact, Portable Military Managed Gigabit Ethernet Switch
FEATURES
switchingtechnology,theMILTECH907servesasarobust
commercial off-the-shelf (COTS) solution for rugged
LAN connectivity, which can be used in a wide range of
military and commercial applications, including:
• UAVs
• Land autonomous vehicles (UGVs)
• Robots
• Mobile equipment fielded in harsh environments
Modern platforms contain dozens of network devices
that must be interconnected. The MILTECH 907 is an
ideal solution for mobile Ethernet-equipped platforms.
With the best combination of size, weight, power and
cost (SWaP-C) in the industry, it saves valuable real
estate for computers, sensors, targeting systems,
and other devices that make mobile platforms highly
effective.
SPECIFICATIONS
• 5 x switched 10/100 /1000 ports
ETHERNET PORTS
• Spanning Tree (802.1d), RSTP (802.1w) and multiple Spanning Tree
(802.1S) for fast recovery rings
• Security via Radius Authentication 802.1x, Port Security, Port Mirroring
• Multicasting (IGMP Snooping), GARP, GMRP, and GVRP Broadcasting and
flooding Control up to 8K Groups.
• 802.1q Tagged based VLAN up to 4K VLAN groups.
• QoS Multi-Layer Classifier, 802.1p, ToS/DSCP traffic classification. WFQ,
Strict Queuing.
• Bridge support for Q-in-Q.
• Link Aggregation 802.3AD.
• WEB, CLI, Telnet Management.
NETWORKING
• Single Connector for Power and LAN
• 3 Separate pins for RS232 management
• LED Indication Per Port (Link/Activity)
CONNECTORS
• Machined rugged aluminum
• Conductively cooled w/custom internal heat-sinks
• Ingress protection against sand, dust and moisture
• Anodize Coating, MIL-A-8625, Type II, Class 2
CHASSIS
• Design to meet: MIL-STD-461E, MIL-STD-810F GM
STANDARDS
•
26.8 Mpps wire speed forwarding rate
•
20 Gbps maximum forwarding bandwidth
•
8K MAC Address
PERFORMANCE


Similar Part No. - 907

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
907 ETC2-907 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
907 ETC2-907 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
logo
Anderson Power Products...
907 APP-907 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
907 APP-907 Datasheet
151Kb / 2P
SB® 350 Connector
logo
Keystone Electronics Co...
907 KEYSTONE-907 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
More results

Similar Description - 907

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
Managed Gigabit Ethernet Switch
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
Managed Gigabit Ethernet Switch
SLX-8MG REDLION-SLX-8MG Datasheet
438Kb / 3P
Managed Gigabit Ethernet Switch
NT24K-DC1 REDLION-NT24K-DC1 Datasheet
625Kb / 3P
Managed Gigabit Industrial Ethernet Switch
NT24K-12SFP-DM4 REDLION-NT24K-12SFP-DM4 Datasheet
558Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K_DR16 REDLION-NT24K_DR16 Datasheet
622Kb / 3P
Managed Gigabit Industrial Ethernet Switch
logo
Weidmuller
1241370000 WEIDMULLER-1241370000 Datasheet
250Kb / 5P
Network switch, managed, Gigabit Ethernet
2682340000 WEIDMULLER-2682340000 Datasheet
155Kb / 5P
Network switch, managed, Gigabit Ethernet
November 4, 2021
2682360000 WEIDMULLER-2682360000 Datasheet
157Kb / 5P
Network switch, managed, Gigabit Ethernet
November 4, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com