Electronic Components Datasheet Search
  English  ▼

X  

907 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 907
Description  Compact, Portable Military Managed Gigabit Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

907 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  907 Datasheet HTML 1Page - Enercon Technologies Europe AG 907 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
2
SPECIFICATIONS
•
IEEE 802.1x MAC based Authentication
•
IEEE 802.1Q Vlan Tagging
•
IEEE 802.1P QoS
•
IEEE 802.1S Multiple STP
•
IEEE 802.1W Rapid STP
•
IEEE 802.1AD Link Aggregation
•
IEEE 802.1X
STANDARDS COMPLIANCE
•
MILSTD-1275, MILSTD-704
•
Voltage Input: 24Vdc Nominal (16-36V)
•
Power Consumption: 5W Max
•
Chassis grounding
POWER
•
Design to meet: MIL-STD-461E Electromagnetic compatibility
•
CE-102, CS-114, CS-115, CS-116, RE-102, RS-103
ELECTROMAGNETIC
•
Design to meet: MILSTD-810F/G/GM
•
Random vibration (514.5I), Bench Handling (516.6VI), High Temp.(501.5I,II), Low Temp.(502.5I), Humidity
(507.5II), Air Pressure (500.5I,II), Blowing Rain (506.5I), Immersion (512.5I), Salt Atmosphere (509.5I),
Blowing Dust (510.5I), Loose Cargo Vibration (514.6II), Wind Analysis.
ENVIRONMENTAL
•
Dimensions: 113mm (L) x 54(W) x 40(H), not including connector
•
Dimensions: 4.45’’(L) x 2.13’’(W) x 1.57’’(H), not including connector
•
Weight: 250g
PHYSICAL
•
4 x 3.2mm mounting holes
INSTALLATION
•
No Moving Parts. Passive Cooling.
COOLING
•
-45ºC to +85ºC (-49ºF to +185ºF)
OPERATING TEMP
•
-45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP
A
B
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
Managed Military Grade Gigabit Ethernet Switch, 5 x 10/100/1000TX
1-907-000
113.0
61.0
93.0
CL
36.1 (COG)
113.0
61.0
93.0
CL
36.1 (COG)
MILTECH™ 907
Compact, Portable Military Managed Gigabit Ethernet Switch



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com