Electronic Components Datasheet Search
  English  ▼

X  

919 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 919
Description  Military Grade Gigabit Ethernet Switch On Board (GSoB)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

919 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  919 Datasheet HTML 1Page - Enercon Technologies Europe AG 919 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
One of the most exciting advancement in technology over
the last decade has been unmanned vehicles including:
• Unmanned aerial vehicles (UAVs) or Drones
• Land autonomous vehicles (UGVs)
• Robots
• Other unmanned support vehicles
These vehicles must be agile, compact and highly intelligent.
In order to support this sophisticated intelligence, these
platforms may have to carry and connect a variety of
Ethernet-based devices including computers, sensors, and
targeting systems - all in compact platforms that must
operate in extreme environmental conditions.
The MILTECH919 is cost-effective, ultra-compact board-
level Ethernet switching solution that is the most compact
MILTECH™ 919
Military Grade Gigabit Ethernet Switch On Board (GSoB)
solution available on the market today. This board-level
switch is ideal for integrating in to system level solutions
being developed with size, weight, power and cost (SWaP-C)
at top of mind .
Advanced network features, never before found in a
package of this size, include switching protocols, virtual
LANS (VLANS), traffic prioritization (QoS), and bandwidth
aggregation are standard. An evaluation board is available
for the MILTECH919, allowing full testing and validation
of the MILTECH919.
The MILTECH919’s gigabit speeds and 24VDC power make
it instantly compatible with any network device and power
systems.
SPECIFICATIONS
•
Managed 8 x switched 10/100 /1000 ports
•
1 X 100/1000 fiber port
ETHERNET PORTS
•
Spanning Tree (802.1d), RSTP (802.1w) and multiple Spanning Tree
(802.1S) for fast recovery rings
•
Security via Radius Authentication 802.1x, Port Security, Port Mirroring
•
Multicasting (IGMP Snooping), GARP, GMRP, and GVRP
Broadcasting and flooding Control up to 8K Groups.
•
802.1q Tagged based VLAN up to 4K VLAN groups.
•
QoS Multi-Layer Classifier, 802.1p, ToS/DSCP traffic classification.
WFQ, Strict Queuing.
•
Bridge support for Q-in-Q.
•
L3 static routing
•
Link Aggregation 802.3AD.
•
WEB, CLI, Telnet Management.
•
Rmirror*
•
Port Protection: 1+1 port protection, 1:1 port protection, 1:N port
protection*
•
G.8032 ring protection*
•
DHCP option 82 relay*
•
L2CP tunneling*
•
Protocol-based VLAN*
•
1588v2 PTP with two-step clock*
*Available in part number 1-919-100
NETWORKING
1 x Samtec board to board connector to represent:
•
Power input
•
LAN ports
•
Fiber ports
•
Management RS-232
•
MT module connector: 1 x SAMTEC ERM8-050-02.0-L-DV-TR
•
LED Indication Per Port (Link/Activity)
CONNECTORS


Similar Part No. - 919

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
919 ALPHAWIRE-919 Datasheet
175Kb / 3P
M12?륚 Plastic Passive I/O Box
logo
Anderson Power Products...
919 APP-919 Datasheet
151Kb / 2P
SB® 350 Connector
logo
Keysight Technologies
919 KEYSIGHT-919 Datasheet
1Mb / 18P
N6700 Modular Power System Family
January 13, 2017
logo
Amphenol Corporation
919-NM101P-51S AMPHENOL-919-NM101P-51S Datasheet
51Kb / 1P
MCX CRIMP PLUG NON MAGNETIC
919-NM104P-51A AMPHENOL-919-NM104P-51A Datasheet
51Kb / 1P
MCX R/A CRIMP PLUG NON MAGNETIC
More results

Similar Description - 919

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3380 PMC-PM3380 Datasheet
29Kb / 2P
Gigabit Ethernet Switch Port Controller
logo
List of Unclassifed Man...
VSC7303 ETC-VSC7303 Datasheet
467Kb / 2P
Stapleford??- 24-port Gigabit Ethernet Switch-on-a-Chip
logo
Vitesse Semiconductor C...
VSC7384 VITESSE-VSC7384 Datasheet
456Kb / 2P
12-port Gigabit Ethernet Switch-on-a-Chip
logo
Red Lion Controls. Inc
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
Managed Gigabit Ethernet Switch
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
Managed Gigabit Ethernet Switch
SLX-8MG REDLION-SLX-8MG Datasheet
438Kb / 3P
Managed Gigabit Ethernet Switch
ET-8XS-MIL REDLION-ET-8XS-MIL Datasheet
888Kb / 4P
Military-Rated Industrial Ethernet Switch
logo
ORing Industrial Networ...
RGS-P9000 ORING-RGS-P9000 Datasheet
2Mb / 6P
Gigabit Ethernet switch
logo
Microchip Technology
EVB-KSZ9477 MICROCHIP-EVB-KSZ9477 Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
Pepperl+Fuchs Inc.
ICRL-U-5RJ45-G-DIN PF-ICRL-U-5RJ45-G-DIN Datasheet
579Kb / 4P
Ethernet switch unmanaged gigabit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com