Electronic Components Datasheet Search
  English  ▼

X  

919 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 919
Description  Military Grade Gigabit Ethernet Switch On Board (GSoB)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

919 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  919 Datasheet HTML 1Page - Enercon Technologies Europe AG 919 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
2
SPECIFICATIONS
•
MIL-STD-461E, MIL-STD-810F GM, IP68 when installed in an appropriate chassis
STANDARDS
•
26.8 Mpps wire speed forwarding rate
•
20 Gbps maximum forwarding bandwidth
•
8K MAC Address
PERFORMANCE
•
IEEE 802.1x MAC based Authentication
•
IEEE 802.1Q Vlan Tagging
•
IEEE 802.1P QoS
•
IEEE 802.1S Multiple STP
STANDARDS COMPLIANCE
•
Voltage Input: 6-36VDC
•
Power Consumption: 8W Max
POWER
•
MIL-STD-461E Electromagnetic compatibility
•
CE-102, CS-114, CS-115, CS-116, RE-102, RS-103 (when installed in an appropriate chassis)
ELECTROMAGNETIC
•
MILSTD-810F/G/GM:
•
Random vibration (514.5I), Bench Handling (516.6VI), High Temp.(501.5I,II), Low Temp.(502.5I), Humidity
(507.5II), Air Pressure (500.5I,II), Blowing Rain (506.5I), Immersion (512.5I), Salt Atmosphere (509.5I),
Blowing Dust (510.5I), Loose Cargo Vibration (514.6II), Wind Analysis.
ENVIRONMENTAL
•
Dimensions: 107mm (L) x 48(W) x 19(H)
•
Dimensions: 4.21”(L) x 1.89”(W) x 0.75”(H)
•
Weight: 52g
PHYSICAL
•
6 x mounting holes for board to board mounting
INSTALLATION
•
No Moving Parts. Passive Cooling.
COOLING
•
-45ºC to +85ºC (-49ºF to +185ºF). Cold Start-Up
OPERATING TEMP
•
-45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP
MILTECH™ 919
Military Grade Gigabit Ethernet Switch On Board (GSoB)
63
13
A
PRINT SIDE
27
7(x6)
3.20(x6)
0
4.19
21.39
10.37
24.70
41.90
0
5(x2)
48
43(x2)
3.76
44.24
B
U4 & U9 MUST BE USED WITH
HEAT SINK OR COOLING BLOCK
COMPONNENT SIDE
U4
5.00
5.00
5.00
5.00
5.00
5.00
6.00
6.00
U9
DETAIL
A
SCALE 1 : 1
PIN
NUMBER 1
PIN
NUMBER 99
PIN
NUMBER 100
PIN
NUMBER 2
CONNECTOR-
SAMTEC
ERM8-050-02.0-L-DV-TR
9.85
DETAIL B
SCALE 2 : 1
U9
5.00
1.00
5.00
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
RTP
24/03/2014
2.00
CHANGE SAMTEC CONNECTOR.
08/04/2014
ZAMIR
3.00
ADD HOLES.
13/04/2014
ZAMIR
4.00
ADD DIMENSIONS.
19/01/2016
RAM
5.00
ADD DIMENSIONS & NOTES.
22/08/2017
DROR S.
6.00
ADD DIMENSIONS .
12/25/2017
DROR S.
D
E
F
C
1
2
3
4
B
A
3
2
1
5
C
4
6
7
8
A
B
PRINTED ON: 12/25/2017
LAST UPDATE: 12/25/2017
8
7
6
5
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
SURFACE
ROUGHNESS:
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
DEBURR & SHARP EDGES 0.2X45
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H11
- SHAFTS & EXTERNAL DIMENSIONS: h11
8/20/2017
FILE NAME: M:\PROJECTS SW\ICE919\IMPORT\test\MILTECH918-OEM-16-brd
DO NOT SCALE DRAWING
MATERIAL:
DATE
SIGNATURE
NAME
FINISH:
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
APPV'D
CHK'D
DRAWN
DROR S.
SEE NOTES
EINAM
UDI
8/20/2017
SEE NOTES
DSGN'D
8/20/2017
WEIGHT:
[g]
PROJECT:
PART NO:
1111-0919COM
DWG REV.
TITLE:
DWG NO.
SCALE: 1:2 SHEET 1 OF 1
A3
F
E
D
5.00
ICE919
DROR S. 8/20/2017
9 Ports Gigabit Ethernet Switch
On Board
1111-0919COM
63
13
A
PRINT SIDE
27
7(x6)
3.20(x6)
0
4.19
21.39
10.37
24.70
41.90
0
5(x2)
48
43(x2)
3.76
44.24
B
U4 & U9 MUST BE USED WITH
HEAT SINK OR COOLING BLOCK
COMPONNENT SIDE
U4
5.00
5.00
5.00
5.00
5.00
5.00
6.00
6.00
U9
DETAIL
A
SCALE 1 : 1
PIN
NUMBER 1
PIN
NUMBER 99
PIN
NUMBER 100
PIN
NUMBER 2
CONNECTOR-
SAMTEC
ERM8-050-02.0-L-DV-TR
9.85
DETAIL B
SCALE 2 : 1
U9
5.00
1.00
5.00
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
RTP
24/03/2014
2.00
CHANGE SAMTEC CONNECTOR.
08/04/2014
ZAMIR
3.00
ADD HOLES.
13/04/2014
ZAMIR
4.00
ADD DIMENSIONS.
19/01/2016
RAM
5.00
ADD DIMENSIONS & NOTES.
22/08/2017
DROR S.
6.00
ADD DIMENSIONS .
12/25/2017
DROR S.
D
E
F
C
1
2
3
4
B
A
3
2
1
5
C
4
6
7
8
A
B
PRINTED ON: 12/25/2017
LAST UPDATE: 12/25/2017
8
7
6
5
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
SURFACE
ROUGHNESS:
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
DEBURR & SHARP EDGES 0.2X45
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H11
- SHAFTS & EXTERNAL DIMENSIONS: h11
8/20/2017
FILE NAME: M:\PROJECTS SW\ICE919\IMPORT\test\MILTECH918-OEM-16-brd
DO NOT SCALE DRAWING
MATERIAL:
DATE
SIGNATURE
NAME
FINISH:
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
APPV'D
CHK'D
DRAWN
DROR S.
SEE NOTES
EINAM
UDI
8/20/2017
SEE NOTES
DSGN'D
8/20/2017
WEIGHT:
[g]
PROJECT:
PART NO:
1111-0919COM
DWG REV.
TITLE:
DWG NO.
SCALE: 1:2 SHEET 1 OF 1
A3
F
E
D
5.00
ICE919
DROR S. 8/20/2017
9 Ports Gigabit Ethernet Switch
On Board
1111-0919COM
A
B
C
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
Managed Military Grade Gigabit Ethernet Switch, 8 x 10/100/1000TX + 1 X 100/1000FX
1-919-000
Enhanced Managed Military Grade Gigabit Ethernet Switch, 8 x 10/100/1000TX + 1 X 100/1000FX
1-919-100
Evaluation carrier board for MILTECH919 – provides 8 X RJ45 ports +1 X SFP slot and a power connector.
1-919EV-000
Cooling base plate for MILTECH919
1-CP919-000
63
13
A
PRINT SIDE
27
7(x6)
3.20(x6)
0
4.19
21.39
10.37
24.70
41.90
0
5(x2)
48
43(x2)
3.76
44.24
B
U4 & U9 MUST BE USED WITH
HEAT SINK OR COOLING BLOCK
COMPONNENT SIDE
U4
5.00
5.00
5.00
5.00
5.00
5.00
6.00
6.00
U9
DETAIL
A
SCALE 1 : 1
PIN
NUMBER 1
PIN
NUMBER 99
PIN
NUMBER 100
PIN
NUMBER 2
CONNECTOR-
SAMTEC
ERM8-050-02.0-L-DV-TR
9.85
DETAIL B
SCALE 2 : 1
U9
5.00
1.00
5.00
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
RTP
24/03/2014
2.00
CHANGE SAMTEC CONNECTOR.
08/04/2014
ZAMIR
3.00
ADD HOLES.
13/04/2014
ZAMIR
4.00
ADD DIMENSIONS.
19/01/2016
RAM
5.00
ADD DIMENSIONS & NOTES.
22/08/2017
DROR S.
6.00
ADD DIMENSIONS .
12/25/2017
DROR S.
D
E
F
C
1
2
3
4
B
A
3
2
1
5
C
4
6
7
8
A
B
PRINTED ON: 12/25/2017
LAST UPDATE: 12/25/2017
8
7
6
5
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
SURFACE
ROUGHNESS:
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
DEBURR & SHARP EDGES 0.2X45
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H11
- SHAFTS & EXTERNAL DIMENSIONS: h11
8/20/2017
FILE NAME: M:\PROJECTS SW\ICE919\IMPORT\test\MILTECH918-OEM-16-brd
DO NOT SCALE DRAWING
MATERIAL:
DATE
SIGNATURE
NAME
FINISH:
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
APPV'D
CHK'D
DRAWN
DROR S.
SEE NOTES
EINAM
UDI
8/20/2017
SEE NOTES
DSGN'D
8/20/2017
WEIGHT:
[g]
PROJECT:
PART NO:
1111-0919COM
DWG REV.
TITLE:
DWG NO.
SCALE: 1:2 SHEET 1 OF 1
A3
F
E
D
5.00
ICE919
DROR S. 8/20/2017
9 Ports Gigabit Ethernet Switch
On Board
1111-0919COM
•
IEEE 802.1W Rapid STP
•
IEEE 802.1AD Link Aggregation
•
IEEE 802.1X



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com