Electronic Components Datasheet Search
  English  ▼

X  

SM2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SM2
Description  SM Solenoids
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SM2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM Solenoid - C&S Controls Ltd. 18/8/15
Page 2 of 5
1.4.
SM0 Solenoid
Longer stroke than SM00 solenoid. Coil voltages from
3V to 125VDC. May be used on AC but should be
restricted to very light loads with plunger seated to
avoid slight noise.
1.5.
Technical Data
Standard Voltages (continuous rating): -
48, 110 & 240VAC 50Hz.
6, 12, 14 & 50VDC.
Mass 53g.
1.6.
SM0 Performance Data
1.6.1. Nominal Power Consumption (cold)
Rating*
A.C.
D.C.
VA
closed
VA at 12.7mm
stroke
Watts
100%
6
13
3
50%
11
17
6
25%
18
25
12
10%
41
50
30
1.6.2. SM0 Characteristics
16
14
12
10
8
6
4
2
0
1
2
3
4
5
Force
(N)
Stroke
(mm)
10%
25%
50%
100%
a.c. types
16
14
12
10
8
6
4
2
0
2
4
6
8
10
Force
(N)
Stroke
(mm)
10%
25%
50%
100%
d.c. types
D.C. &. A.C. characteristics for horizontal
operation at working temperature.
* Note
– duty cycle must ensure that heating is not excessive during “ON” time.
2.
SM1 – SM5 General Purpose Solenoids
A range of five (5) robust solenoids with sleeved plungers for trouble-free operation and tapped hole on two (2) face of the stripped
frame for universal mounting (see SM Outline Drawing). The solenoids are capable of operations up to 200 cycles per minute
dependant on conditions. Coils are readily interchangeable and are available for AC and DC operation (except SM5 that are DC
only). For standard and custom (special order) options available contact sales e.g. impregnation, thrust rod length, lead
termination, AC coil operating frequency (Hz), etc.
2.1.
Technical Data
Standard voltages (continuous rating): -
12, 24, 50, 110V DC.
48, 110, 240 AC 50Hz.
Coils available to order for other voltages and frequencies,
or for intermittent use where operating force can be
increased significantly (see characteristics).
Mass (g)
Type
Total
Plunger
SM1
135
21.3
SM2
193
28.4
SM3
397
35.4
SM4
610
49.5
SM5
815
120.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com