Electronic Components Datasheet Search
  English  ▼

X  

SM2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SM2
Description  SM Solenoids
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SM2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SM2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SM2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SM2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SM Solenoid - C&S Controls Ltd. 18/8/15
Page 3 of 5
2.2 SM Solenoids – DC Characteristics
D.C. Continuous Rating
Type
Max.
Stroke
mm
Pull at
Max.
Stroke N
Approx.
Watts
(Cold)
Max. Volts
SM1
9.5
0.20
4.4
100
SM2
16.0
0.28
6.0
200
SM3
14.3
0.28
8.5
250
SM4
22.0
0.85
10.2
250
SM5
25.0
1.98
12.8
250
D.C. 50% Rating
Type
Max.
Stroke
mm
Pull at
Max.
Stroke N
Approx.
Watts
(Cold)
Max.
Volts
SM1
9.5
0.99
8.8
100
SM2
16.0
1.27
12.0
250
SM3
14.3
1.42
17.0
250
SM4
22.0
2.26
20.4
250
SM5
25.0
5.38
25.6
250
D.C. 25% Rating
Type
Max.
Stroke
mm
Pull at
Max.
Stroke N
Approx.
Watts
(Cold)
Max.
Volts
SM1
12
1.00
18
250
SM2
22
1.00
24
250
SM3
16
1.00
34
250
SM4
25
3.00
41
250
SM5
25
7.00
52
250
D.C. 10% Rating
Type
Max.
Stroke
mm
Pull at
Max.
Stroke N
Approx.
Watts
(Cold)
Max.
Volts
SM1
12
3.00
44
250
SM2
24
1.25
60
250
SM3
16
2.00
85
440
SM4
25
4.00
102
440
SM5
25
15.00
128
440
0
4
8
12
16
20
24
Stroke mm
Force
(N)
40
30
20
10
SM5
SM4
SM3
SM2
SM1
SM5
SM4
SM3
SM2
SM1
SM5
SM4
SM3
SM2
SM1
SM5
SM4
SM3
SM2
SM1
Force
(N) 40
30
20
10
Force
(N) 40
30
20
10
Force
(N) 40
30
20
10
0
4
8
12
16
20
24
Stroke mm
0
4
8
12
16
20
24
Stroke mm
0
4
8
12
16
20
24
Stroke mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com