Electronic Components Datasheet Search
  English  ▼

X  

NV2 Datasheet(PDF) 1 Page - Kingston Technology Far East Co. Ltd

Part # NV2
Description  Substantial performance upgrade in high capacity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

NV2 Datasheet(HTML) 1 Page - Kingston Technology Far East Co. Ltd

  NV2 Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd NV2 Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
more >>
› Gen 4x4 NVMe
PCIe performance
› Ideal for laptops &
small‑form‑factor PCs
› Capacities up to 2TB2
Substantial performance upgrade in high capacity
Kingston’s NV2 PCIe 4.0 NVMe SSD is a substantial next-gen storage solution
powered by a Gen 4x4 NVMe controller. NV2 delivers read/write speeds of up
to 3,500/2,800MB/s1 with lower power requirements and lower heat to help
optimise your system’s performance and deliver value without sacrifice. The
compact single-sided M.2 2280 (22x80mm) design expands storage by up to
2TB2 while saving space for other components, making NV2 ideal for thinner
notebooks, small-form-factor (SFF) systems and DIY motherboards.
Available in capacities from 250GB – 2TB2 to give you all the space you need
for applications, documents, photos, videos and more.
NV2 PCIe 4.0 NVMe SSD
kingston.com/ssd


Similar Part No. - NV2

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
NV20FP GETEDZ-NV20FP Datasheet
460Kb / 1P
20mA 2.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
logo
DB Lectro Inc
NV231 DBLECTRO-NV231 Datasheet
115Kb / 2P
Small size, light weight(8g)
NV231 DBLECTRO-NV231 Datasheet
389Kb / 2P
Withstands high temperature, operating under 105 ambient temperature
logo
HuaXinAn Electronics CO...
NV231 HUAXINAN-NV231 Datasheet
423Kb / 1P
Heavy contact load switching current up to 30A.
NV2312A HUAXINAN-NV2312A Datasheet
423Kb / 1P
Heavy contact load switching current up to 30A.
More results

Similar Description - NV2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE2476 ETC-XE2476 Datasheet
96Kb / 12P
2400 bps Plug-In Upgrade to CH1776
logo
Littelfuse
215.500P LITTELFUSE-215.500P Datasheet
252Kb / 2P
High breaking capacity
logo
List of Unclassifed Man...
49P11-843 ETC2-49P11-843 Datasheet
732Kb / 1P
UNIVERSAL ELECTRONIC CONTACTOR UPGRADE
logo
STMicroelectronics
UM0564 STMICROELECTRONICS-UM0564 Datasheet
911Kb / 20P
Device firmware upgrade
10-Jul-2008
logo
Panasonic Semiconductor
AQV252G3S PANASONIC-AQV252G3S Datasheet
168Kb / 5P
High capacity in a miniature SOP package
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
High current capacity in compact package
logo
Molex Electronics Ltd.
ATS-640162595 MOLEX-ATS-640162595 Datasheet
1Mb / 7P
Safety Guard Upgrade Kit
05-14-12
logo
LETEX TECHNOLOGY CORP.
LT11004V LETEX-LT11004V Datasheet
505Kb / 4P
High capacity in a slim SIL package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com