Electronic Components Datasheet Search
  English  ▼

X  

NV2 Datasheet(PDF) 2 Page - Kingston Technology Far East Co. Ltd

Part # NV2
Description  Substantial performance upgrade in high capacity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

NV2 Datasheet(HTML) 2 Page - Kingston Technology Far East Co. Ltd

  NV2 Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd NV2 Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NV2 PCIe 4.0 NVMe SSD
SPECIFICATIONS
FEATURES / BENEFITS
THIS DOCUMENT SUBJECT TO CHANGE WITHOUT NOTICE.
©2022 Kingston Technology Europe Co LLP and Kingston Digital Europe Co LLP, Kingston Court, Brooklands Close,
Sunbury-on-Thames, Middlesex, TW16 7EP, England. Tel: +44 (0) 1932 738888 Fax: +44 (0) 1932 785469.
All rights reserved. All trademarks and registered trademarks are the property of their respective owners. MKD-453 EN
Gen 4x4 NVMe PCIe performance — Delivers read/
write speeds of up to 3,500/2,800MB/s1 for an overall
faster system.
Ideal for systems with limited space — Easily
integrate into designs with M.2 connectors. Perfect
for thin laptops and small-form-factor PCs.
Extended capacities — Available in a range of
high capacities up to 2TB2 to meet your data
storage requirements.
This SSD is designed for use in desktop and notebook computer workloads and is not intended for server environments.
1. Based on “out-of-box performance” using a PCIe 4.0 motherboard. Speed may vary due to host hardware, software
and usage.
2. Some of the listed capacity on a Flash storage device is used for formatting and other functions and is thus not
available for data storage. As such, the actual available capacity for data storage is less than what is listed on the
products. For more information, go to Kingston’s Flash memory guide at kingston.com/flashguide.
3. Total Bytes Written (TBW) is derived from the JEDEC Client Workload (JESD219A).
4. Limited warranty based on 3 years or “Percentage Used”, which can be found using the Kingston SSD Manager
(Kingston.com/ SSDManager). For NVMe SSDs, a new unused product will show a Percentage Used value of 0, whereas
a product that reaches its warranty limit will show a Percentage Used value of greater than or equal to one hundred
(100). See Kingston.com/wa for details.
Form factor
M.2 2280
Interface
PCIe 4.0 x4 NVMe
Capacities2
250GB, 500GB, 1TB, 2TB
Sequential read/write1
250GB – 3,000/1,300MB/s
500GB – 3,500/2,100MB/s
1TB – 3,500/2,100MB/s
2TB – 3,500/2,800MB/s
Endurance (total bytes written)3
250GB – 80TB
500GB – 160TB
1TB – 320TB
2TB – 640TB
Storage temperature
-40°C~85°C
Operating temperature
0°C~70°C
Dimensions
22mm x 80mm x 2.2mm
Weight
7g (all capacities)
Vibration operating
2.17G (7-800 Hz)
Vibration non-operating
20G (20-1000Hz)
MTBF
1,500,000 hours
Warranty/support4
limited 3-year warranty with free technical support
KINGSTON PART NUMBERS
NV2 PCIe 4.0 NVMe SSD
SNV2S/250G
SNV2S/500G
SNV2S/1000G
SNV2S/2000G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com