Electronic Components Datasheet Search
  English  ▼

X  

ATA8403 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA8403
Description  UHF ASK/FSK Industrial Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8403 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA8403 Datasheet HTML 1Page - ATMEL Corporation ATA8403 Datasheet HTML 2Page - ATMEL Corporation ATA8403 Datasheet HTML 3Page - ATMEL Corporation ATA8403 Datasheet HTML 4Page - ATMEL Corporation ATA8403 Datasheet HTML 5Page - ATMEL Corporation ATA8403 Datasheet HTML 6Page - ATMEL Corporation ATA8403 Datasheet HTML 7Page - ATMEL Corporation ATA8403 Datasheet HTML 8Page - ATMEL Corporation ATA8403 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
• Integrated PLL Loop Filter
• ESD Protection also at ANT1/ANT2
(4 kV HBM/200V MM; Except Pin 2: 4 kV HBM/100V MM)
• High Output Power (5.5 dBm) with Low Supply Current (8.5 mA)
• Modulation Scheme ASK/FSK
– FSK Modulation is Achieved by Connecting an Additional Capacitor Between the
XTAL Load Capacitor and the Open Drain Output of the Modulating Microcontroller
• Easy to Design-in Due to Excellent Isolation of the PLL from the PA and Power Supply
• Single Li-cell for Power Supply
• Supply Voltage 2.0V to 4.0V in the Temperature Range of –40°C to +85°C
• Package TSSOP8L
• Single-ended Antenna Output with High Efficient Power Amplifier
• CLK Output for Clocking the Microcontroller
• One-chip Solution with Minimum External Circuitry
Applications
• Industrial/Aftermarket Remote Keyless Entry Systems
• Alarm, Telemetering, and Energy Metering Systems
• Remote Control Systems for Consumer and Industrial Markets
• Access Control Systems
• Home Automation
• Home Entertainment
• Toys
1.
Description
The ATA8403 is a PLL transmitter IC, which has been developed for the demands of
RF low-cost transmission systems for industrial applications at data rates up to
50 kBaud ASK and 32 kBaud FSK modulation scheme. The transmitting frequency
range is 868 MHz to 928 MHz. It can be used in both FSK and ASK systems.
Figure 1-1.
System Block Diagram
Micro-
controller
PLL
UHF ASK/FSK
Remote control receiver
UHF ASK/FSK
Remote control transmitter
ATA8403
ATA5760/
ATA5761
LNA
VCO
PLL
XTO
LNA
VCO
Antenna
Demod
Control
1 to 3
Encoder
ATARx9x
XTO
1 Li cell
Keys
Antenna
UHF ASK/FSK
Industrial
Transmitter
ATA8403
4983A–IND–02/07


Similar Part No. - ATA8403

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8403-6AQY ATMEL-ATA8403-6AQY Datasheet
222Kb / 12P
UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403_08 Datasheet
222Kb / 12P
UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403_14 Datasheet
665Kb / 13P
UHF ASK/FSK Industrial Transmitter
More results

Similar Description - ATA8403

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
UHF ASK/FSK TRANSMITTER
ATA8402 ATMEL-ATA8402 Datasheet
197Kb / 12P
UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401 Datasheet
197Kb / 12P
UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403_08 Datasheet
222Kb / 12P
UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_08 Datasheet
222Kb / 12P
UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_09 Datasheet
352Kb / 12P
UHF ASK/FSK Industrial Transmitter
ATA8404 ATMEL-ATA8404 Datasheet
1Mb / 20P
UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_14 Datasheet
678Kb / 13P
UHF ASK/FSK Industrial Transmitter
ATA8402 ATMEL-ATA8402_14 Datasheet
665Kb / 13P
UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403_14 Datasheet
665Kb / 13P
UHF ASK/FSK Industrial Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com