Electronic Components Datasheet Search
  English  ▼

X  

ATA8403 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA8403
Description  UHF ASK/FSK Industrial Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8403 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA8403 Datasheet HTML 1Page - ATMEL Corporation ATA8403 Datasheet HTML 2Page - ATMEL Corporation ATA8403 Datasheet HTML 3Page - ATMEL Corporation ATA8403 Datasheet HTML 4Page - ATMEL Corporation ATA8403 Datasheet HTML 5Page - ATMEL Corporation ATA8403 Datasheet HTML 6Page - ATMEL Corporation ATA8403 Datasheet HTML 7Page - ATMEL Corporation ATA8403 Datasheet HTML 8Page - ATMEL Corporation ATA8403 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
4983A–IND–02/07
ATA8403
3.
General Description
This fully integrated PLL transmitter allows particularly simple, low-cost RF miniature transmit-
ters to be assembled. The VCO is locked to 64
× f
XTAL, and therefore a 13.5672 MHz crystal is
needed for a 868.3 MHz transmitter and a 14.2969 MHz crystal for a 915 MHz transmitter. All
other PLL and VCO peripheral elements are integrated.
The XTO is a series resonance oscillator so that only one capacitor together with a crystal con-
nected in series to GND are needed as external elements.
The crystal oscillator together with the PLL typically needs < 1 ms until the PLL is locked and the
CLK output is stable. There is a wait time of
≥ 4 ms must be used until the CLK is used for the
microcontroller and the PA is switched on.
The power amplifier is an open-collector output delivering a current pulse, which is nearly inde-
pendent from the load impedance. The delivered output power is therefore controllable via the
connected load impedance.
This output configuration enables a simple matching to any kind of antenna or to 50
Ω. A high
power efficiency of
η=P
out/(IS,PA × VS) of 24% for the power amplifier at 868.3 MHz results when
an optimized load impedance of Z
Load = (166 + j226)Ω is used at 3V supply voltage.
4.
Functional Description
If ENABLE = L and the PA_ENABLE = L, the circuit is in standby mode, consuming only a very
small amount of current, so that a lithium cell used as power supply can work for several years.
With ENABLE = H the XTO, PLL, and the CLK driver are switched on. If PA_ENABLE remains
L, only the PLL and the XTO are running and the CLK signal is delivered to the microcontroller.
The VCO locks to 64 times the XTO frequency.
With ENABLE = H and PA_ENABLE = H the PLL, XTO, CLK driver, and the power amplifier are
on. The power amplifier can be switched on and off with PA_ENABLE. This is used to perform
the ASK modulation.
4.1
ASK Transmission
The ATA8403 is activated by ENABLE = H. PA_ENABLE must remain L for t
≥ 4 ms, then the
CLK signal can be taken to clock the microcontroller, and the output power can be modulated by
means of the PA_ENABLE pin. After transmission, PA_ENABLE is switched to L, and the micro-
controller switches back to internal clocking. The ATA8403 is switched back to standby mode
with ENABLE = L.
4.2
FSK Transmission
The ATA8403 is activated by ENABLE = H. PA_ENABLE must remain L for t
≥ 4 ms, then the
CLK signal can be taken to clock the microcontroller and the power amplifier is switched on with
PA_ENABLE = H. The chip is then ready for FSK modulation. The microcontroller starts to
switch on and off the capacitor between the XTAL load capacitor and GND with an open-drain
output port, thus changing the reference frequency of the PLL. If the switch is closed, the output
frequency is lower than if the switch is open. After transmission PA_ENABLE is switched to L
and the microcontroller switches back to internal clocking. The ATA8403 is switched back to
standby mode with ENABLE = L.
The accuracy of the frequency deviation with XTAL pulling method is about ±25% when the fol-
lowing tolerances are considered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com