Electronic Components Datasheet Search
  English  ▼

X  

1705751 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1705751
Description  FRONT 4-V-6,35- 3 - PCB terminal block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1705751 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1705751 Datasheet HTML 1Page - PHOENIX CONTACT 1705751 Datasheet HTML 2Page - PHOENIX CONTACT 1705751 Datasheet HTML 3Page - PHOENIX CONTACT 1705751 Datasheet HTML 4Page - PHOENIX CONTACT 1705751 Datasheet HTML 5Page - PHOENIX CONTACT 1705751 Datasheet HTML 6Page - PHOENIX CONTACT 1705751 Datasheet HTML 7Page - PHOENIX CONTACT 1705751 Datasheet HTML 8Page - PHOENIX CONTACT 1705751 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB terminal block, nominal current: 32 A, rated voltage (III/2): 320 V, nominal cross section: 4
mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product range:
FRONT 4-V, pitch: 6.35 mm, connection method: Front screw connection, mounting: Wave
soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 5 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard. The article can be aligned to create different nos. of positions!
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Operation and conductor connection from one direction enable integration into front of device
•
Commercial data
Item number
1705751
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Product key
AANFAD
GTIN
4046356797078
Weight per piece (including packing)
24.315 g
Weight per piece (excluding packing)
24.315 g
Country of origin
BG
FRONT 4-V-6,35- 3 - PCB terminal block
1705751
https://www.phoenixcontact.com/us/products/1705751
Mar 11, 2024, 5:58 AM
Page 1 (12)


Similar Part No. - 1705751

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1705757 PHOENIX-1705757 Datasheet
74Kb / 4P
PCB terminal block - EMKDS 1,5/12-3,81
More results

Similar Description - 1705751

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1703050 PHOENIX-1703050 Datasheet
97Kb / 6P
PCB terminal block - FRONT 4-H-6,35
1703063 PHOENIX-1703063 Datasheet
85Kb / 6P
PCB terminal block - FRONT 4-V-6,35
1703238 PHOENIX-1703238 Datasheet
61Kb / 4P
PCB terminal block - FRONT 4-H-6,35-3
1710085 PHOENIX-1710085 Datasheet
81Kb / 5P
PCB terminal block - MKDSV 5/ 3-6,35
1720046 PHOENIX-1720046 Datasheet
88Kb / 6P
PCB terminal block - SMKDS 5/ 3-6,35
1789621 PHOENIX-1789621 Datasheet
64Kb / 4P
PCB terminal block - FFKDSA1/V-6,35
1890468 PHOENIX-1890468 Datasheet
59Kb / 4P
PCB terminal block - FRONT 4-H-6,35-7
1704693 PHOENIX-1704693 Datasheet
108Kb / 7P
PCB terminal block - FRONT 4-H-6,35-5
09/11/2020
1707357 PHOENIX-1707357 Datasheet
296Kb / 9P
PCB terminal block - ZFKDSA 1-V-6,35
Jan 5, 2023
1703225 PHOENIX-1703225 Datasheet
364Kb / 11P
FRONT 4-H-6,35-10 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com