Electronic Components Datasheet Search
  English  ▼

X  

1705751 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1705751
Description  FRONT 4-V-6,35- 3 - PCB terminal block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1705751 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1705751 Datasheet HTML 1Page - PHOENIX CONTACT 1705751 Datasheet HTML 2Page - PHOENIX CONTACT 1705751 Datasheet HTML 3Page - PHOENIX CONTACT 1705751 Datasheet HTML 4Page - PHOENIX CONTACT 1705751 Datasheet HTML 5Page - PHOENIX CONTACT 1705751 Datasheet HTML 6Page - PHOENIX CONTACT 1705751 Datasheet HTML 7Page - PHOENIX CONTACT 1705751 Datasheet HTML 8Page - PHOENIX CONTACT 1705751 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Technical data
Product properties
Type
PC terminal block can be aligned
Product line
COMBICON Terminals L
Product type
Printed circuit board terminal
Product family
FRONT 4-V
Number of positions
3
Pitch
6.35 mm
Number of connections
3
Number of rows
1
Number of potentials
3
Pin layout
Linear pinning
Solder pins per potential
2
Electrical properties
Nominal current IN
32 A
Nominal voltage UN
320 V
Degree of pollution
3
Rated voltage (III/3)
320 V
Rated surge voltage (III/3)
4 kV
Rated voltage (III/2)
320 V
Rated surge voltage (III/2)
4 kV
Rated voltage (II/2)
630 V
Rated surge voltage (II/2)
4 kV
Connection data
Connection technology
Type
PC terminal block can be aligned
Nominal cross section
4 mm²
Conductor connection
Connection method
Front screw connection
Conductor cross section rigid
0.5 mm² ... 6 mm²
Single-conductor/terminal point multi-stranded
0.5 mm² ... 6 mm²
Conductor cross section flexible
0.5 mm² ... 6 mm²
Conductor cross section AWG
20 ... 10
Conductor cross section flexible, with ferrule without plastic
sleeve
0.5 mm² ... 4 mm²
Conductor cross section, flexible, with ferrule, with plastic sleeve
0.5 mm² ... 2.5 mm²
2 conductors with same cross section, solid
0.5 mm² ... 1.5 mm²
2 conductors with same cross section, flexible
0.5 mm² ... 1.5 mm²
2 conductors with same cross section, flexible, with ferrule
without plastic sleeve
0.25 mm² ... 1 mm²
FRONT 4-V-6,35- 3 - PCB terminal block
1705751
https://www.phoenixcontact.com/us/products/1705751
Mar 11, 2024, 5:58 AM
Page 2 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com