Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 261 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  435 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 261 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 257Page - ATMEL Corporation AT90USB646 Datasheet HTML 258Page - ATMEL Corporation AT90USB646 Datasheet HTML 259Page - ATMEL Corporation AT90USB646 Datasheet HTML 260Page - ATMEL Corporation AT90USB646 Datasheet HTML 261Page - ATMEL Corporation AT90USB646 Datasheet HTML 262Page - ATMEL Corporation AT90USB646 Datasheet HTML 263Page - ATMEL Corporation AT90USB646 Datasheet HTML 264Page - ATMEL Corporation AT90USB646 Datasheet HTML 265Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 435 page
background image
261
7593D–AVR–07/06
AT90USB64/128
Moreover, the pad can also be put in the “idle” mode if the DETACH bit is set. It come back in
the active mode when the DETACH bit is cleared.
21.9
OTG timers customizing
It is possible to refine some OTG timers thanks to the OTGTCON and OTGCON registers
• PAGE=00b: AWaitVrise time-out. [OTG] chapter 6.6.5.1
• VALUE=00bTime-out is set to 20 ms
• VALUE=01bTime-out is set to 50 ms
• VALUE=10bTime-out is set to 70ms
• VALUE=11bTime-out is set to 100 ms
• PAGE=01b: VbBusPulsing. [OTG] chapter 5.3.4
• VALUE=00bTime-out is set to 15 ms
• VALUE=01bTime-out is set to 23 ms
• VALUE=10bTime-out is set to 31 ms
• VALUE=11bTime-out is set to 40 ms
• PAGE=10b: PdTmOutCnt. [OTG] chapter 5.3.2
• VALUE=00bTime-out is set to 93 ms
• VALUE=01bTime-out is set to 105 ms
• VALUE=10bTime-out is set to 118 ms
• VALUE=11bTime-out is set to 131 ms
• PAGE=11b: SRPDetTmOut. [OTG] chapter 5.3.3
• VALUE=00bTime-out is set to 10 us
• VALUE=01bTime-out is set to 100 us
• VALUE=10bTime-out is set to 1 ms
• VALUE=11bTime-out is set to 11 ms
21.10 Plug-in detection
The USB connection is detected by the VBUS pad, thanks to the following architecture:
SUSPI
Suspend detected = USB pad power down
Clear Suspend by software
Resume = USB pad wake-up
Clear Resume by software
WAKEUPI
PAD status
Active
Power Down
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com