Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 262 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  435 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 262 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 258Page - ATMEL Corporation AT90USB646 Datasheet HTML 259Page - ATMEL Corporation AT90USB646 Datasheet HTML 260Page - ATMEL Corporation AT90USB646 Datasheet HTML 261Page - ATMEL Corporation AT90USB646 Datasheet HTML 262Page - ATMEL Corporation AT90USB646 Datasheet HTML 263Page - ATMEL Corporation AT90USB646 Datasheet HTML 264Page - ATMEL Corporation AT90USB646 Datasheet HTML 265Page - ATMEL Corporation AT90USB646 Datasheet HTML 266Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 435 page
background image
262
7593D–AVR–07/06
AT90USB64/128
Figure 21-16. Plug-in Detection Input Block Diagram
The control logic of the UVBUS pad outputs 2 signals:
• The “session_valid” signal is active high when the voltage on the UVBUS pad is higher or
equal to 1.4V.
• The “Va_Vbus_valid” signal is active high when the voltage on the UVBUS pad is higher or
equal to 4.4V.
In the Host mode, the VBUS flag follows the next hysteresis rule:
• VBUS is set when the voltage on the UVBUS pad is higher or equal to 4.4 V.
• VBUS is cleared when the voltage on the UVBUS pad is lower than 1.4 V.
In the Peripheral mode, the VBUS flag follows the next rule:
• VBUS is set when the voltage on the UVBUS pad is higher or equal to 1.4 V.
• VBUS is cleared when the voltage on the UVBUS pad is lower than 1.4 V.
The VBUSTI interrupt is triggered at each transition of the VBUS flag.
21.11 ID detection
The ID pin transition is detected thanks to the following architecture:
Figure 21-17. ID Detection Input Block Diagram
The ID pin can be used to detect the USB mode (Peripheral or Host) or software selected. This
allows the UID pin to be used has general purpose I/O even when USB interface is enable.
When the UID pin is selected, by default, (no A-plug or B-plug), the macro is in the Peripheral
VBUSTI
USBINT.0
UVBUS
VBUS
USBSTA.0
VSS
VDD
Pad logic
Logic
Session_valid
Va_Vbus_valid
VBus_pulsing
VBus_discharge
UIMOD
UHWCON.7
UID
ID
USBSTA.1
Internal Pull Up
VDD
UIDE
UHWCON.6
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com