| Electronic Components Datasheet Search |
|
AT90USB646 Datasheet(PDF) 264 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90USB646 Datasheet(HTML) 264 Page - ATMEL Corporation |
|
264 / 435 page ![]() 264 7593D–AVR–07/06 AT90USB64/128 Set to disable the clock inputs (the ”Resume Detection” is still active). This reduces the power consumption. Clear to enable the clock inputs. • 4 – OTGPADE: OTG Pad Enable Set to enable the OTG pad. Clear to disable the OTG pad. Note that this bit can be set/cleared even if USBE=0 (this allows the VBUS detection even if the USB macro is disable). • 3-2 – Reserved The value read from these bits is always 0. Do not set these bits. • 1 – IDTE: ID Transition Interrupt Enable Bit Set this bit to enable the ID Transition interrupt generation. Clear this bit to disable the ID Transi- tion interrupt generation. • 0 – VBUSTE: VBUS Transition Interrupt Enable Bit Set this bit to enable the VBUS Transition interrupt generation. Clear this bit to disable the VBUS Transition interrupt generation. • 7-4 - Reserved The value read from these bits is always 0. Do not set these bits. • 3 – SPEED: Speed Status Flag This should be read only when the USB controller operates in host mode, in device mode the value read from this bit is underterminate. Set by hardware when the controller is in FULL-SPEED mode. Cleared by hardware when the controller is in LOW-SPEED mode. • 2 – Reserved The value read from this bit is always 0. Do not set this bit. • 1 – ID: IUD pin Flag The value read from this bit indicates the state of the UID pin. • 0 – VBUS: VBus Flag The value read from this bit indicates the state of the UVBUS pin. This bit can be used in device mode to monitor the USB bus connection state of the appication. See Section 21.10, page 261 for more details. Bit 7654 3 2 1 0 ---- SPEED ID VBUS USBSTA Read/Write R R R R RRRR Initial Value 0000 1 0 1 0 Bit 76543210 ------ IDTI VBUSTI USBINT Read/Write RRRRRR R/W R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |