Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA644P Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATMEGA644P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA644P Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATMEGA644P Datasheet HTML 33Page - ATMEL Corporation ATMEGA644P Datasheet HTML 34Page - ATMEL Corporation ATMEGA644P Datasheet HTML 35Page - ATMEL Corporation ATMEGA644P Datasheet HTML 36Page - ATMEL Corporation ATMEGA644P Datasheet HTML 37Page - ATMEL Corporation ATMEGA644P Datasheet HTML 38Page - ATMEL Corporation ATMEGA644P Datasheet HTML 39Page - ATMEL Corporation ATMEGA644P Datasheet HTML 40Page - ATMEL Corporation ATMEGA644P Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 408 page
background image
37
8011D–AVR–02/07
ATmega164P/324P/644P
7.7
128 kHz Internal Oscillator
The 128 kHz internal Oscillator is a low power Oscillator providing a clock of 128 kHz. The fre-
quency is nominal at 3V and 25
°C. This clock may be select as the system clock by
programming the CKSEL Fuses to “0011” as shown in Table 7-12.
Note:
1. The frequency is preliminary value. Actual value is TBD.
When this clock source is selected, start-up times are determined by the SUT Fuses as shown in
Table 7-13.
7.8
External Clock
To drive the device from an external clock source, XTAL1 should be driven as shown in Figure
7-4. To run the device on an external clock, the CKSEL Fuses must be programmed to “0000”.
Figure 7-4.
External Clock Drive Configuration
When this clock source is selected, start-up times are determined by the SUT Fuses as shown in
Table 7-15.
Table 7-12.
128 kHz Internal Oscillator Operating Modes
Nominal Frequency
CKSEL3..0
128 kHz
0011
Table 7-13.
Start-up Times for the 128 kHz Internal Oscillator
Power Conditions
Start-up Time from Power-
down and Power-save
Additional Delay from
Reset
SUT1..0
BOD enabled
6 CK
14CK
00
Fast rising power
6 CK
14CK + 4 ms
01
Slowly rising power
6 CK
14CK + 64 ms
10
Reserved
11
Table 7-14.
Crystal Oscillator Clock Frequency
Nominal Frequency
CKSEL3..0
0 - 20 kHz
0000
NC
EXTERNAL
CLOCK
SIGNAL
XTAL2
XTAL1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com