Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA644P Datasheet(PDF) 55 Page - ATMEL Corporation

Part # ATMEGA644P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA644P Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button ATMEGA644P Datasheet HTML 51Page - ATMEL Corporation ATMEGA644P Datasheet HTML 52Page - ATMEL Corporation ATMEGA644P Datasheet HTML 53Page - ATMEL Corporation ATMEGA644P Datasheet HTML 54Page - ATMEL Corporation ATMEGA644P Datasheet HTML 55Page - ATMEL Corporation ATMEGA644P Datasheet HTML 56Page - ATMEL Corporation ATMEGA644P Datasheet HTML 57Page - ATMEL Corporation ATMEGA644P Datasheet HTML 58Page - ATMEL Corporation ATMEGA644P Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 408 page
background image
55
8011D–AVR–02/07
ATmega164P/324P/644P
9.2
Watchdog Timer
9.2.1
Features
• Clocked from separate On-chip Oscillator
• 3 Operating modes
–Interrupt
– System Reset
– Interrupt and System Reset
• Selectable Time-out period from 16ms to 8s
• Possible Hardware fuse Watchdog always on (WDTON) for fail-safe mode
9.2.2
Overview
ATmega164P/324P/644P has an Enhanced Watchdog Timer (WDT). The WDT is a timer count-
ing cycles of a separate on-chip 128 kHz oscillator. The WDT gives an interrupt or a system
reset when the counter reaches a given time-out value. In normal operation mode, it is required
that the system uses the WDR - Watchdog Timer Reset - instruction to restart the counter before
the time-out value is reached. If the system doesn't restart the counter, an interrupt or system
reset will be issued.
Figure 9-7.
Watchdog Timer
In Interrupt mode, the WDT gives an interrupt when the timer expires. This interrupt can be used
to wake the device from sleep-modes, and also as a general system timer. One example is to
limit the maximum time allowed for certain operations, giving an interrupt when the operation
has run longer than expected. In System Reset mode, the WDT gives a reset when the timer
expires. This is typically used to prevent system hang-up in case of runaway code. The third
mode, Interrupt and System Reset mode, combines the other two modes by first giving an inter-
rupt and then switch to System Reset mode. This mode will for instance allow a safe shutdown
by saving critical parameters before a system reset.
The Watchdog always on (WDTON) fuse, if programmed, will force the Watchdog Timer to Sys-
tem Reset mode. With the fuse programmed the System Reset mode bit (WDE) and Interrupt
mode bit (WDIE) are locked to 1 and 0 respectively. To further ensure program security, alter-
ations to the Watchdog set-up must follow timed sequences. The sequence for clearing WDE
and changing time-out configuration is as follows:
128kHz
OSCILLATOR
WDP0
WDP1
WDP2
WDP3
WATCHDOG
RESET
WDE
WDIF
WDIE
MCU RESET
INTERRUPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com