Electronic Components Datasheet Search
  English  ▼

X  

1715744 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1715744
Description  DFMC 0,5/11-ST-2,54-RF - PCB connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1715744 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1715744 Datasheet HTML 1Page - PHOENIX CONTACT 1715744 Datasheet HTML 2Page - PHOENIX CONTACT 1715744 Datasheet HTML 3Page - PHOENIX CONTACT 1715744 Datasheet HTML 4Page - PHOENIX CONTACT 1715744 Datasheet HTML 5Page - PHOENIX CONTACT 1715744 Datasheet HTML 6Page - PHOENIX CONTACT 1715744 Datasheet HTML 7Page - PHOENIX CONTACT 1715744 Datasheet HTML 8Page - PHOENIX CONTACT 1715744 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 0.5 mm2, color: black, nominal current: 6 A, rated voltage
(III/2): 160 V, contact surface: Gold, contact connection type: Socket, number of potentials: 22,
number of rows: 2, number of positions: 11, number of connections: 22, product range: DFMC
0,5/..-ST-RF, pitch: 2.54 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON DFMC 0,5, locking: Snap-in locking,
mounting: Self-locking flange, type of packaging: packed in cardboard
Your advantages
Gold-plated contacts ensure transfer quality remains stable over the long term
•
Time saving push-in connection, tools not required
•
Defined contact force ensures that contact remains stable over the long term
•
Intuitive operation due to color-coded actuating push button
•
Optimized for tight installation situations: operation and conductor connection from one direction
•
Intuitive locking mechanism prevents accidental disconnection
•
Commercial data
Item number
1715744
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Sales key
AA01
Product key
AAAFDB
GTIN
4055626446820
Weight per piece (including packing)
20.6 g
Weight per piece (excluding packing)
20.6 g
Customs tariff number
85366990
Country of origin
PL
DFMC 0,5/11-ST-2,54-RF - PCB connector
1715744
https://www.phoenixcontact.com/us/products/1715744
Mar 12, 2024, 6:20 AM
Page 1 (15)


Similar Part No. - 1715744

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
171574 MOLEX1-171574 Datasheet
39Kb / 2P
Impact 100 Ohm Right-Angle Orthogonal Direct Header
171574 MOLEX1-171574 Datasheet
39Kb / 2P
Impact 100 Ohm Right-Angle Orthogonal Direct Header
171574 MOLEX1-171574 Datasheet
39Kb / 2P
Impact 100 Ohm Right-Angle Orthogonal Direct Header
171574 MOLEX1-171574 Datasheet
45Kb / 2P
Impact 100 Ohm Right-Angle Orthogonal Direct Header
171574 MOLEX1-171574 Datasheet
45Kb / 2P
Impact 100 Ohm Right-Angle Orthogonal Direct Header
More results

Similar Description - 1715744

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1012276 PHOENIX-1012276 Datasheet
329Kb / 13P
MCC 0,5/11-ST-2,54
1027613 PHOENIX-1027613 Datasheet
1Mb / 13P
DMCC 0,5/11-ST-2,54
1844646 PHOENIX-1844646 Datasheet
92Kb / 4P
Printed-circuit board connector - DFMC 0,5/ 9-ST-2,54
1844675 PHOENIX-1844675 Datasheet
236Kb / 11P
Printed-circuit board connector - DFMC 0,5/12-ST-2,54
1844662 PHOENIX-1844662 Datasheet
92Kb / 4P
Printed-circuit board connector - DFMC 0,5/11-ST-2,54
1844581 PHOENIX-1844581 Datasheet
92Kb / 4P
Printed-circuit board connector - DFMC 0,5/ 3-ST-2,54
1844659 PHOENIX-1844659 Datasheet
93Kb / 4P
Printed-circuit board connector - DFMC 0,5/10-ST-2,54
1715736 PHOENIX-1715736 Datasheet
332Kb / 12P
PCB connector - DFMC 0,5/ 4-ST-2,54-RF
Jan 5, 2023
1715735 PHOENIX-1715735 Datasheet
437Kb / 15P
DFMC 0,5/ 3-ST-2,54-RF - PCB connector
1715738 PHOENIX-1715738 Datasheet
438Kb / 15P
DFMC 0,5/ 6-ST-2,54-RF - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com