Electronic Components Datasheet Search
  English  ▼

X  

1715744 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 1715744
Description  DFMC 0,5/11-ST-2,54-RF - PCB connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1715744 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 1715744 Datasheet HTML 7Page - PHOENIX CONTACT 1715744 Datasheet HTML 8Page - PHOENIX CONTACT 1715744 Datasheet HTML 9Page - PHOENIX CONTACT 1715744 Datasheet HTML 10Page - PHOENIX CONTACT 1715744 Datasheet HTML 11Page - PHOENIX CONTACT 1715744 Datasheet HTML 12Page - PHOENIX CONTACT 1715744 Datasheet HTML 13Page - PHOENIX CONTACT 1715744 Datasheet HTML 14Page - PHOENIX CONTACT 1715744 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
DMCV 0,5/11-G1-2,54 P20THR R56 - PCB header
1844963
https://www.phoenixcontact.com/us/products/1844963
PCB headers, nominal cross section: 0.5 mm2, color: black, nominal current: 6 A,
rated voltage (III/2): 160 V, contact surface: Gold, contact connection type: Pin,
number of potentials: 22, number of rows: 2, number of positions: 11, number of
connections: 22, product range: DMCV 0,5/..-G1-THR, pitch: 2.54 mm, mounting:
THR soldering, pin layout: Linear pinning, solder pin [P]: 2 mm, number of solder
pins per potential: 1, plug-in system: COMBICON DFMC 0,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of
packaging: 56 mm wide tape, Sample values available under SAMPLE DMC...
DMC 0,5/11-G1-2,54 SMD R56 - PCB header
1845111
https://www.phoenixcontact.com/us/products/1845111
PCB headers, nominal cross section: 0.5 mm2, color: black, nominal current: 6 A,
rated voltage (III/2): 160 V, contact surface: Gold, contact connection type: Pin,
number of potentials: 22, number of rows: 2, number of positions: 11, number of
connections: 22, product range: DMC 0,5/..-G1-SMD, pitch: 2.54 mm, mounting:
SMD soldering, pin layout: Linear pinning, solder pin [P]: 2 mm, number of solder
pins per potential: 1, plug-in system: COMBICON DFMC 0,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of
packaging: 56 mm wide tape, Sample values available under SAMPLE DMC...
DFMC 0,5/11-ST-2,54-RF - PCB connector
1715744
https://www.phoenixcontact.com/us/products/1715744
Mar 12, 2024, 6:20 AM
Page 14 (15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com