Electronic Components Datasheet Search
  English  ▼

X  

MSRF Datasheet(PDF) 2 Page - Advanced Energy Industries, Inc.

Part # MSRF
Description  MASS SPECTROMETRY POWER SUPPLY MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.

MSRF Datasheet(HTML) 2 Page - Advanced Energy Industries, Inc.

  MSRF Datasheet HTML 1Page - Advanced Energy Industries, Inc. MSRF Datasheet HTML 2Page - Advanced Energy Industries, Inc. MSRF Datasheet HTML 3Page - Advanced Energy Industries, Inc. MSRF Datasheet HTML 4Page - Advanced Energy Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
advancedenergy.com
HITEK POWER MSRF SERIES
ELECTRICAL SPECIFICATIONS
Output Power
3.2 W, max
Output Voltage
±2.5 to ±10 kV
Output Current
0.3 to 0.5 mA
Input Voltage
+24 VDC, ±10%
Input Current
1 A max
Line Regulation
< 10 ppm for a 1 V input voltage change
Load Regulation
< 10 ppm for a 10 to 100% load change
Ripple
< 400 mV to < 1 V, depending on model
Voltage Control
0 to 10 V = 0 to 100%, accuracy ±2%
Current Control
Fixed at approximately 110 to 130% of max
Voltage Monitor
±10 V = +100 to -100%, accuracy ±2%
Current Monitor
±10 V = +100 to -100%, accuracy ±2%
Polarity Control
Low < 0.8 V = Negative
High > 3.5 V or open = Positive
Inhibit
Low < 0.8 V = Enabled
High > 3.5 V or open = Inhibited
Stability
< 0.01% per hour, 0.05% in eight hours (after one hour warmup)
Temperature Coefficient
10 or 25 ppm per °C at max output voltage (tested with external voltage control)
Cooling
Convection cooled
Protection
The units are fully protected against over voltage, short circuit and intermittent arcs to ground.
Operating Temperature
10 to 50°C (50 to 122°F)
Storage/Transport
Temperature
-20 to +85°C (-4 to 185°F)
Operational Altitude
Sea level to 2000 m (6500')
Storage/Transport Altitude
Sea level to 18,000 m (59,055')
Reliability
MTBF > 50,000 hours
Humidity
80% max relative humidity up to 31°C (88°F), reducing linearly to 50% at 40°C (104°F); non-condensing
(ref. EN61010-1)
Safety
Meets the requirements of the Low Voltage Directive, 2006/95/EC by complying with BS EN61010-1:2010
when installed as a component part of compliant equipment. Units are CE marked accordingly.
RoHS
Meets the requirements of EU Directive 2011/65/EU on the Restriction of use of certain Hazardous
Substances in Electrical and Electronic Equipment (RoHS).
Construction
A fabricated aluminum alloy case is used for good heat dissipation and screening.
Options
A control option can be supplied with a bipolar input voltage program of ±10 V without the polarity control
signal. Please consult our sales team for part numbering for this option.
Switching
Settle to 99%, ±2.5 kV < 20 mS, ±5 kV < 20 mS, ±8 kV < 30 mS, ±10 kV < 30 mS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com