Electronic Components Datasheet Search
  English  ▼

X  

MSRF Datasheet(PDF) 3 Page - Advanced Energy Industries, Inc.

Part # MSRF
Description  MASS SPECTROMETRY POWER SUPPLY MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.

MSRF Datasheet(HTML) 3 Page - Advanced Energy Industries, Inc.

  MSRF Datasheet HTML 1Page - Advanced Energy Industries, Inc. MSRF Datasheet HTML 2Page - Advanced Energy Industries, Inc. MSRF Datasheet HTML 3Page - Advanced Energy Industries, Inc. MSRF Datasheet HTML 4Page - Advanced Energy Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
advancedenergy.com
3
HITEK POWER MSRF SERIES
MECHANICAL SPECIFICATIONS
Dimensions
159 mm x 182 mm x 47 mm (6.25" x 7.16" x 1.85")
Weight
1.5 kg (3.3 lb)
Casing
Aluminum, clear non-chrome passivate finish
Output Cable
Unterminated URM76; 1 m (3.3') of screened output cable
Connectors
Various options are available upon request.
MOUNTING: 4 OFF M3 BLIND FASTENERS; POSITION AS SHOWN
DIMENSIONS IN mm (in)
154.0 (6.06)
154.0 (6.06)
11.6 (0.46)
130.8 (5.15)
10.0 (0.39)
77.0 (3.03)
158.7 (6.25) OVER FIXINGS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com