Electronic Components Datasheet Search
  English  ▼

X  

1673A Datasheet(PDF) 1 Page - Belden Inc.

Part # 1673A
Description  Conformable Coax, 50 Ohm, RG-402, 19 AWG Solid SCCS, Copper-Tin Composite Shield, Unjacketed
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1673A Datasheet(HTML) 1 Page - Belden Inc.

  1673A Datasheet HTML 1Page - Belden Inc. 1673A Datasheet HTML 2Page - Belden Inc. 1673A Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 1673A
Conformable Coax, 50 Ohm, RG-402, 19 AWG Solid SCCS, Copper-Tin
Composite Shield, Unjacketed
Product Description
Conformable Coax, 50 Ohm, RG-402, 19 AWG Solid Silvered Copper Covered Steel Conductor, PTFE Insulation, Copper Tape + 100% Tin-Filled Composite
Braid Shield, Unjacketed
Technical Specifications
Product Overview
Suitable Applications:
Microwave and other high frequency applications, Interconnect RF equipment, Radar equipment, Military communications
Construction Details
RG Type:
402
Conductor
Size
Stranding Nom. Diameter
Material
19 AWG Solid
0.036 in
SCCS - Silvered Copper Covered Steel
Insulation
Material
Nom. Insulation Diameter Color Code
PTFE - Polytetrafluoroethylene 0.116 in (2.95 mm)
White
Outer Shield
Layer Outer Shield Type
Material
Coverage
Notes
1
Tape
Bare Copper (BC)
100%
2
Braid
Tinned Copper (TC + Tin Filled) 100%
Diameter: 0.138 inch
Outer Jacket
Material
No Jacket
Overall Cable Diameter (Nominal): 0.138 in (3.51 mm)
Electrical Characteristics
VSWR
Frequency
Max. VSWR
500 MHz
1.1:1
1000 MHz
1.11:1
3000 MHz
1.13:1
7000 MHz
1.17:1
15000 MHz 1.25:1
20000 MHz 1.3:1
Table Notes:
VSWR limit is a continuous sloping line from 500 MHz to 20 GHz
Attenuation
Frequency
Nom. Attenuation
500 MHz
8.0 dB/100ft
1000 MHz
12.0 dB/100ft


Similar Part No. - 1673A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1673A ETC2-1673A Datasheet
88Kb / 3P
RG-402/U type, 19 AWG solid .036 silver-plated copper-covered steel conductor
1673ATIN100 ETC2-1673ATIN100 Datasheet
88Kb / 3P
RG-402/U type, 19 AWG solid .036 silver-plated copper-covered steel conductor
1673ATIN250 ETC2-1673ATIN250 Datasheet
88Kb / 3P
RG-402/U type, 19 AWG solid .036 silver-plated copper-covered steel conductor
1673ATIN50 ETC2-1673ATIN50 Datasheet
88Kb / 3P
RG-402/U type, 19 AWG solid .036 silver-plated copper-covered steel conductor
1673ATIN500 ETC2-1673ATIN500 Datasheet
88Kb / 3P
RG-402/U type, 19 AWG solid .036 silver-plated copper-covered steel conductor
More results

Similar Description - 1673A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
50CX-41 ETC2-50CX-41 Datasheet
67Kb / 1P
30 AWG, 50 Ohm Coax
50CX-42 ETC2-50CX-42 Datasheet
67Kb / 1P
26 AWG, 50 Ohm Coax
1345174 ETC2-1345174 Datasheet
103Kb / 4P
RG-402/U type 19 AWG solid .036 silver-plated copper-covered steel conductor, TFE Teflon insulation
1345979 ETC2-1345979 Datasheet
100Kb / 3P
19 AWG Solid .034 silver-coated copper conductor, polyethylene insulation
1351779 ETC2-1351779 Datasheet
102Kb / 3P
RG-58 type, 19 AWG solid .037 bare copper conductor, gas-injected foam HDPE insulation
1673A ETC2-1673A Datasheet
88Kb / 3P
RG-402/U type, 19 AWG solid .036 silver-plated copper-covered steel conductor
logo
Belden Inc.
4694R BELDEN-4694R Datasheet
243Kb / 4P
12 GHz Coax, 4K UHD Precision Video Coax, RG-6/U Type, 75 Ohm, 18 AWG Solid, CMP
4731P BELDEN-4731P Datasheet
115Kb / 3P
12 GHz Coax, 4K UHD Precision Video Coax, RG-11/U Type, 75 Ohm, 14 AWG Solid, CMP
8216 BELDEN-8216 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-174
9913 BELDEN-9913 Datasheet
237Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com