Electronic Components Datasheet Search
  English  ▼

X  

1673A Datasheet(PDF) 2 Page - Belden Inc.

Part # 1673A
Description  Conformable Coax, 50 Ohm, RG-402, 19 AWG Solid SCCS, Copper-Tin Composite Shield, Unjacketed
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1673A Datasheet(HTML) 2 Page - Belden Inc.

  1673A Datasheet HTML 1Page - Belden Inc. 1673A Datasheet HTML 2Page - Belden Inc. 1673A Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3000 MHz
22.0 dB/100ft
5000 MHz
30.0 dB/100ft
10000 MHz 45.0 dB/100ft
20000 MHz 70.0 dB/100ft
Power Rating
Frequency
Max. Power Rating
500 MHz
600 W
1,000 MHz
401 W
2,000 MHz
268 W
3,000 MHz
211 W
5,000 MHz
157 W
7,000 MHz
129 W
10,000 MHz 105 W
15,000 MHz 83 W
18,000 MHz 74 W
20,000 MHz 70 W
Electricals
Nom. Conductor DCR
Nom. Outer Shield DCR
Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedance Nom. Velocity of Prop.
20.5 Ohm/1000ft
4.5 Ohm/1000ft (15 Ohm/km) 29.5 pF/ft (96.8 pF/m)
50 Ohm
70%
Voltage
UL Voltage Rating
Voltage Rating
30 V (UL AWM Style 10245) 1900 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
105°C
-70°C to +200°C
Bend Radius
Installation Min.
0.250 in (6.35 mm)
Max. Pull Tension:
70 lbs (32 kg)
Bulk Cable Weight:
26 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor (Not Riser or Plenum), Indoor
Sustainability:
CA Prop 65
Flammability / Reaction to Fire:
UL 1581 Horizontal Wire
AWM Compliance:
AWM 10245
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), REACH, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
History
Update and Revision:
Revision Number: 0.474 Revision Date: 04-13-2023
Part Numbers
Variants
Item #
Color Putup Type Length
UPC
Footnote
1673A TIN50
Tin
Reel
50 ft
612825120407
1673A TIN100 Tin
Reel
100 ft
612825120384 C
1673A TIN250 Tin
Reel
250 ft
612825120391 C V
1673A TIN500 Tin
Reel
500 ft
612825120414



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com