Electronic Components Datasheet Search
  English  ▼

X  

7808R Datasheet(PDF) 1 Page - Belden Inc.

Part # 7808R
Description  50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC,Foil 95% TC Braid, PVC Jkt, CMR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7808R Datasheet(HTML) 1 Page - Belden Inc.

  7808R Datasheet HTML 1Page - Belden Inc. 7808R Datasheet HTML 2Page - Belden Inc. 7808R Datasheet HTML 3Page - Belden Inc. 7808R Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product: 7808R
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC,
Foil + 95% TC Braid, PVC Jkt, CMR
Product Description
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid Bare Copper Conductor, PE Insulation, Duofoil® II + 95% Tinned Copper Braid Shield,
PVC Jacket, CMR
Technical Specifications
Product Overview
Suitable Applications:
Point-to-point and point-to-multipoint wireless antenna communication; Wireless microphones, Two-Way Radios, Amateur (Ham) Radio, Low Power FM, GPS, RFID
(Radio Frequency Identification)
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Coax
15
Solid
BC - Bare Copper 0.057 in
1
Conductor Count:
1
Insulation
Material
Nominal Diameter
PE - Polyethylene (Foam) 0.150 in
Outer Shield
Type Layer
Material
Material Trade Name Coverage [%]
Tape 1
Tri-Laminate (Alum+Poly+Alum) Duofoil®
100%
Braid 2
Tinned Copper (TC)
95%
Outer Jacket
Material
Nominal Diameter
PVC - Polyvinyl Chloride 0.240 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Outer Shield DCR Outer Conductor DCR
3.2 Ohm/1000ft
2.8 Ohm/1000ft
2.8 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to Shield
23 pF/ft
Inductance
Nominal Inductance
0.06 µH/ft
Impedance
Nominal Characteristic Impedance
50 Ohm


Similar Part No. - 7808R

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
3-Terminal 1 A Positive Voltage Regulator
More results

Similar Description - 7808R

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1794A BELDEN-1794A Datasheet
275Kb / 4P
Serial Digital Coax, RG7 Type, #16 Solid BC, Foil 95% TC braid, CMR
1855A BELDEN-1855A Datasheet
247Kb / 4P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMR
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
7808A BELDEN-7808A Datasheet
241Kb / 3P
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
12-15-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com