Electronic Components Datasheet Search
  English  ▼

X  

7808R Datasheet(PDF) 2 Page - Belden Inc.

Part # 7808R
Description  50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC,Foil 95% TC Braid, PVC Jkt, CMR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7808R Datasheet(HTML) 2 Page - Belden Inc.

  7808R Datasheet HTML 1Page - Belden Inc. 7808R Datasheet HTML 2Page - Belden Inc. 7808R Datasheet HTML 3Page - Belden Inc. 7808R Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss
5 MHz
0.58 dB/100ft
10 MHz
0.77 dB/100ft
30 MHz
1.3 dB/100ft
50 MHz
1.6 dB/100ft
150 MHz
2.8 dB/100ft
220 MHz
3.4 dB/100ft
450 MHz
4.9 dB/100ft
900 MHz
7.0 dB/100ft
1500 MHz
9.1 dB/100ft
1800 MHz
10.1 dB/100ft
2000 MHz
10.7 dB/100ft
2500 MHz
12 dB/100ft
3000 MHz
13.4 dB/100ft
3500 MHz
14.6 dB/100ft
4500 MHz
16.7 dB/100ft
5800 MHz
19.5 dB/100ft
6000 MHz
19.8 dB/100ft
Delay
Nominal Delay Nominal Velocity of Propagation (VP) [%]
1.18 ns/ft
86%
High Frequency
Frequency [MHz]
30 MHz
50 MHz
150 MHz
220 MHz
450 MHz
900 MHz
1500 MHz
1800 MHz
2000 MHz
2500 MHz
3000 MHz
3500 MHz
4500 MHz
5800 MHz
6000 MHz
Power Rating
Frequency [MHz] Max. Power Rating [W]
30 MHz
1,526 W
50 MHz
1,186 W
150 MHz
673 W
220 MHz
556 W
450 MHz
382 W
900 MHz
268 W
1,500 MHz
205 W
2,000 MHz
177 W
2,500 MHz
156 W
3,500 MHz
100 W
4,500 MHz
116 W
6,000 MHz
100 W
Voltage
UL Voltage Rating
300 V RMS
VSWR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com