Electronic Components Datasheet Search
  English  ▼

X  

BUV21 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUV21
Description  SWITCHMODE Series NPN Silicon Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUV21 Datasheet(HTML) 2 Page - ON Semiconductor

  BUV21 Datasheet HTML 1Page - ON Semiconductor BUV21 Datasheet HTML 2Page - ON Semiconductor BUV21 Datasheet HTML 3Page - ON Semiconductor BUV21 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BUV21
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS (Note 1)
Collector−Emitter Sustaining Voltage
(IC = 200 mA, IB = 0, L = 25 mH)
VCEO(sus)
200
Vdc
Collector Cutoff Current at Reverse Bias:
(VCE = 250 V, VBE = −1.5 V)(TC = 25_C unless otherwise noted)
(VCE = 250 V, VBE = −1.5 V, TC = 125_C)
ICEX
3.0
12.0
mAdc
Collector−Emitter Cutoff Current
(VCE = 160 V)
ICEO
3.0
mAdc
Emitter−Base Reverse Voltage
(IE = 50 mA)
VEBO
7
V
Emitter−Cutoff Current
(VEB = 5 V)
IEBO
1.0
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with base forward biased
(VCE = 20 V, t = 1 s)
(VCE = 140 V, t = 1 s)
IS/b
12
0.15
Adc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 12 A, VCE = 2 V)
(IC = 25 A, VCE = 4 V)
hFE
20
10
60
Collector−Emitter Saturation Voltage
(IC = 12 A, IB = 1.2 A)
(IC = 25 A, IB = 3 A)
VCE(sat)
0.6
1.5
Vdc
Base−Emitter Saturation Voltage
(IC = 25 A, IB = 3 A)
VBE(sat)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product
(VCE = 15 V, IC = 2 A, f = 4 MHz)
fT
8.0
MHz
SWITCHING CHARACTERISTICS (Resistive Load)
Turn-on Time
(IC = 25 A, IB1 = IB2 = 3 A,
VCC = 100 V, RC = 4 W)
ton
1.0
ms
Storage Time
ts
1.8
Fall Time
tf
0.4
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
Figure 1. Power Derating
1.0
0
TC, TEMPERATURE (°C)
40
80
160
200
0.4
0.8
0.6
0.2
120



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com