Electronic Components Datasheet Search
  English  ▼

X  

8241F Datasheet(PDF) 1 Page - Belden Inc.

Part # 8241F
Description  Analog Video, RG59, 22 AWG Stranded BC, BC Braid, PVC Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8241F Datasheet(HTML) 1 Page - Belden Inc.

  8241F Datasheet HTML 1Page - Belden Inc. 8241F Datasheet HTML 2Page - Belden Inc. 8241F Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 8241F
Analog Video, RG59, 22 AWG Stranded BC, BC Braid, PVC Jacket
Product Description
RG-59/U, 22 AWG stranded (7x30) .030" bare copper conductor, foam polyethylene insulation, bare copper braid shield (95% coverage), PVC jacket.
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Coax
22
7x30
BC - Bare Copper 0.03 in
1
Conductor Count:
1
Insulation
Material
Nominal Diameter
PE - Polyethylene (Foam) 0.146 in
Outer Shield
Type
Material
Coverage [%]
Braid Bare Copper (BC) 95%
Outer Jacket
Material
Nominal Diameter
PVC - Polyvinyl Chloride 0.241 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Outer Shield DCR Outer Conductor DCR
15 Ohm/1000ft
2.6 Ohm/1000ft
2.6 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to Shield
17.3 pF/ft
Inductance
Nominal Inductance
0.09 µH/ft
Impedance
Nominal Characteristic Impedance
75 Ohm
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss
1 MHz
0.3 dB/100ft
10 MHz
0.9 dB/100ft
50 MHz
2.1 dB/100ft


Similar Part No. - 8241F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8241F ETC2-8241F Datasheet
102Kb / 3P
75 Ohm Coax
More results

Similar Description - 8241F

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
E1000S GENERAL-E1000S Datasheet
73Kb / 1P
2C 22 SOLID BC SR-PVC PVC
10/29/2007
E3052S GENERAL-E3052S Datasheet
57Kb / 1P
2C 14 AWG 19/.0147 BC PVC / PVC
E3512S GENERAL-E3512S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC PVC / PVC
E3612S GENERAL-E3612S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC OAS PVC / PVC
logo
List of Unclassifed Man...
8441 ETC2-8441 Datasheet
100Kb / 3P
Overall braid, 22 AWG stranded (7x30) TC conductors, PVC insulation
logo
Belden Inc.
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
3039A BELDEN-3039A Datasheet
171Kb / 3P
300V, (24 triad) 18 AWG (7x26) BC, (1) 22 AWG (7x30) BC, PVC/PVC, IS/OS, PLTC-ER, CMG
08-09-2023
3053A BELDEN-3053A Datasheet
171Kb / 3P
300V, (16 triad) 16 AWG (7x24) BC, (1) 22 AWG (7x30) BC,FR-PVC/FR-PVC, IS/OS, PLTC-ER, CMG
08-09-2023
3037A BELDEN-3037A Datasheet
164Kb / 2P
300V, (16 triad) 18 AWG (7x26) BC, (1) 22 AWG (7x30) BC, PVC/PVC, IS/OS, PLTC-ER, CMG
08-10-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com