Electronic Components Datasheet Search
  English  ▼

X  

8241F Datasheet(PDF) 2 Page - Belden Inc.

Part # 8241F
Description  Analog Video, RG59, 22 AWG Stranded BC, BC Braid, PVC Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8241F Datasheet(HTML) 2 Page - Belden Inc.

  8241F Datasheet HTML 1Page - Belden Inc. 8241F Datasheet HTML 2Page - Belden Inc. 8241F Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100 MHz
3 dB/100ft
200 MHz
4.5 dB/100ft
400 MHz
6.6 dB/100ft
700 MHz
8.9 dB/100ft
900 MHz
10.1 dB/100ft
1000 MHz
10.9 dB/100ft
Delay
Nominal Delay Nominal Velocity of Propagation (VP) [%]
1.3 ns/ft
78%
High Frequency
Frequency [MHz] Max. Insertion Loss (Attenuation)
400 MHz
7.4 dB/100ft
Voltage
Non-UL Voltage Rating
300 V RMS
Temperature Range
Non-UL Temp Rating:
60°C
Operating Temperature Range:
-30°C To +60°C
Mechanical Characteristics
Bulk Cable Weight:
33 lbs/1000ft
Max. Pull Tension:
65 lbs
Min. Bend Radius/Minor Axis:
2.5 in
Standards
CPR Euroclass:
Fca
RG Type:
59
Applicable Environmental and Other Programs
Environmental Space:
Indoor (Not Riser or Plenum)
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment): Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
No
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Indoor:
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Related Part Numbers
Variants
Item #
Color
Put-Up Type Length
UPC
8241F J5C1000
Black, Vivid Matte Reel
1,000 ft 612825355908
8241F G7X1000
Blue, Matte
Reel
1,000 ft 612825355922
8241F U901000
Gray, Matte
Reel
1,000 ft 612825197362
8241F G7W1000 Green, Matte
Reel
1,000 ft 612825355939
8241F G7V1000
Red, Matte
Reel
1,000 ft 612825355946
8241F G7Y1000
White, Matte
Reel
1,000 ft 612825355915
8241F G8M1000
Yellow, Matte
Reel
1,000 ft 612825357612
Footnote:
C - CRATE REEL PUT-UP.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com