Electronic Components Datasheet Search
  English  ▼

X  

8281 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8281
Description  75 Ohm Analog Video Coax, RG-59, 20 AWG Solid BC, Double 95% TC Braid, PE Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8281 Datasheet(HTML) 1 Page - Belden Inc.

  8281 Datasheet HTML 1Page - Belden Inc. 8281 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8281
75 Ohm Analog Video Coax, RG-59, 20 AWG Solid BC, Double 95% TC
Braid, PE Jkt
Product Description
75 Ohm Analog Video Coax, RG-59, 20 AWG Solid Bare Copper Conductor , PE Insulation, Double 95% Tinned Copper Braid Shield, PE Jacket
Technical Specifications
Product Overview
Suitable Applications:
Standard analog video
Construction Details
RG Type:
59
Conductor
Size
Stranding Nom. Diameter
Material
20 AWG Solid
0.031 in
BC - Bare Copper
Insulation
Material
Nom. Insulation Diameter Color Code
PE - Polyethylene 0.198 in (5.03 mm)
White
Outer Shield
Layer Outer Shield Type
Material
Coverage
1
Braid
Tinned Copper (TC) 95%
2
Braid
Tinned Copper (TC) 95%
Outer Jacket
Material
Nom. Diameter
PE - Polyethylene 0.305 in (7.75 mm)
Overall Cable Diameter (Nominal): 0.305 in (7.75 mm)
Electrical Characteristics
Return Loss (RL)
Frequency
Min. Return Loss
5 - 216 MHz
27 dB
216 - 850 MHz 23 dB
Attenuation
Frequency Nom. Attenuation
1 MHz
0.3 dB/100ft
3.6 MHz
0.5 dB/100ft
10 MHz
0.8 dB/100ft
71.5 MHz
2.1 dB/100ft
135 MHz
3.0 dB/100ft
270 MHz
4.3 dB/100ft
360 MHz
5.1 dB/100ft
540 MHz
6.3 dB/100ft


Similar Part No. - 8281

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8281 ALLEGRO-8281 Datasheet
375Kb / 14P
LNB SUPPLY AND CONTROL-VOLTAGE REGULATORS
logo
Tyco Electronics
828102 MACOM-828102 Datasheet
33Kb / 1P
SCREWLOCK, FEMALE HD-SERIES BEFESTIGUNGSSCHRAUBE, BUCHSENLEISTE
828102-1 MACOM-828102-1 Datasheet
33Kb / 1P
SCREWLOCK, FEMALE HD-SERIES BEFESTIGUNGSSCHRAUBE, BUCHSENLEISTE
828102-3 MACOM-828102-3 Datasheet
33Kb / 1P
SCREWLOCK, FEMALE HD-SERIES BEFESTIGUNGSSCHRAUBE, BUCHSENLEISTE
logo
Belden Inc.
8281B BELDEN-8281B Datasheet
164Kb / 3P
Precision Video Coax, RG59, #20 Solid BC, Double 98% Braid, CMR
12-19-2022
More results

Similar Description - 8281

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
4505R BELDEN-4505R Datasheet
242Kb / 4P
12 GHz Coax, 4K UHD Precision Video Cable, RG-59, 75 Ohm, 20 AWG Solid, CMR
4855P BELDEN-4855P Datasheet
113Kb / 3P
12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
7808A BELDEN-7808A Datasheet
241Kb / 3P
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
12-15-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com