Electronic Components Datasheet Search
  English  ▼

X  

8281 Datasheet(PDF) 2 Page - Belden Inc.

Part # 8281
Description  75 Ohm Analog Video Coax, RG-59, 20 AWG Solid BC, Double 95% TC Braid, PE Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8281 Datasheet(HTML) 2 Page - Belden Inc.

  8281 Datasheet HTML 1Page - Belden Inc. 8281 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
720 MHz
7.4 dB/100ft
750 MHz
7.6 dB/100ft
1000 MHz
9.2 dB/100ft
Electricals
Nom. Conductor DCR
Nom. Outer Shield DCR
Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedance Nom. Velocity of Prop.
10.8 Ohm/1000ft (35.4 Ohm/km) 1.1 Ohm/1000ft (3.6 Ohm/km) 21 pF/ft (69 pF/m)
75 Ohm
66%
Voltage
Voltage Rating
2900 V
Mechanical Characteristics
Temperature
Operating
-55°C to +80°C
Bend Radius
Installation Min.
3.1 in (79 mm)
Max. Pull Tension:
134 lbs (60.8 kg)
Bulk Cable Weight:
69 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Outdoor - Aerial, Indoor, Aerial - Black only, When supported by messenger wire
Sustainability:
CA Prop 65
European Directive Compliance:
EU Directive 2015/863/EU (RoHS 2 amendment), REACH, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Plenum Number:
88281
History
Update and Revision:
Revision Number: 0.504 Revision Date: 04-26-2023
Part Numbers
Variants
Item #
Color
Putup Type Length
UPC
Footnote
8281 010500
Black
Reel
500 ft
612825358626 C
8281 0101000 Black
Reel
1,000 ft 612825358091 C
8281 0105000 Black
Reel
5,000 ft 612825355809 C Z
8281 006500
Blue, Light
Reel
500 ft
612825355816
8281 0061000 Blue, Light
Reel
1,000 ft 612825355724 C
8281 005500
Green, Dark Reel
500 ft
612825355823 C
8281 0051000 Green, Dark Reel
1,000 ft 612825355830 C
8281 0031000 Orange
Reel
1,000 ft 612825355861 C
8281 002500
Red
Reel
500 ft
612825355878 C
8281 0021000 Red
Reel
1,000 ft 612825355885 C
8281 0091000 White
Reel
1,000 ft 612825358725 C
8281 004500
Yellow
Reel
500 ft
612825355847
8281 0041000 Yellow
Reel
1,000 ft 612825355854 C
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com