Electronic Components Datasheet Search
  English  ▼

X  

PCK2010 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCK2010
Description  CK98 100/133MHz Spread Spectrum System Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCK2010 Datasheet HTML 6Page - NXP Semiconductors PCK2010 Datasheet HTML 7Page - NXP Semiconductors PCK2010 Datasheet HTML 8Page - NXP Semiconductors PCK2010 Datasheet HTML 9Page - NXP Semiconductors PCK2010 Datasheet HTML 10Page - NXP Semiconductors PCK2010 Datasheet HTML 11Page - NXP Semiconductors PCK2010 Datasheet HTML 12Page - NXP Semiconductors PCK2010 Datasheet HTML 13Page - NXP Semiconductors PCK2010 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Preliminary specification
PCK2010
CK98 (100/133MHz) Spread Spectrum System Clock
Generator
1999 Mar 01
10
APIC(0–1) CLOCK OUTPUT (LUMP CAPACITANCE TEST LOAD = 20pF)
SYMBOL
PARAMETER
LIMITS
Tamb = 0°C to +70°C
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
SYMBOL
PARAMETER
133MHz MODE
100MHz MODE
UNIT
NOTES
MIN
MAX
MIN
MAX
THKP
IOAPIC CLK period
60.0
64.0
60.0
64.0
ns
2, 9
THKH
IOAPIC CLK HIGH time
25.5
n/a
25.5
n/a
ns
5, 10
THKL
IOAPIC CLK LOW time
25.3
n/a
25.3
n/a
ns
6, 10
THRISE
IOAPIC CLK rise time
0.4
1.6
0.4
1.6
ns
8
THFALL
IOAPIC CLK fall time
0.4
1.6
0.4
1.6
ns
8
TJITTER
IOAPIC CLK cycle-cycle jitter
500
500
ps
DUTY CYCLE
IOAPIC CLK Duty Cycle
45
55
45
55
%
1
THSKW
IOAPIC CLK pin-pin skew
250
250
ps
2
3V66 CLOCK OUTPUT, 3V66 (0–3) (LUMP CAPACITANCE TEST LOAD = 30 pF)
SYMBOL
PARAMETER
LIMITS
Tamb = 0°C to +70°C
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
SYMBOL
PARAMETER
133MHz MODE
100MHz MODE
UNIT
NOTES
MIN
MAX
MIN
MAX
THKP
3V66 CLK period
15.0
16.0
15.0
16.0
ns
2, 9, 4
THKH
3V66 CLK HIGH time
5.25
n/a
5.25
n/a
ns
5, 10
THKL
3V66 CLK LOW time
5.05
n/a
5.05
n/a
ns
6, 10
THRISE
3V66 CLK rise time
0.4
1.6
0.4
1.6
ns
8
THFALL
3V66 CLK fall time
0.4
1.6
0.4
1.6
ns
8
TJITTER
3V66 CLK cycle-cycle jitter
500
500
ps
DUTY CYCLE
3V66 CLK Duty Cycle
45
55
45
55
%
1
THSKW
3V66 CLK pin-pin skew
250
250
ps
2
48MHZ(0–1) CLOCK OUTPUT (LUMP CAPACITANCE TEST LOAD = 20pF)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
MIN
MAX
f
Frequency, Actual
Determined by PLL
divider ratio
48.008
MHz
fD
Deviation from 48MHz
(48.008 – 48)/48
+167
ppm
THRISE (tR)
Output rise edge rate
1
4
ns
THFALL (tF)
Output fall edge rate
1
4
ns
DUTY CYCLE (tD)
Duty Cycle
45
55
%
133MHz
100MHz
TJITTER
CLK cycle-cycle jitter
MIN
MAX
MIN
MAX
ps
500
500
THSTB (fST)
Frequency stabilization from Power-up (cold start)
3
ms
NOTES:
1. See Figure 3 for measure points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com