Electronic Components Datasheet Search
  English  ▼

X  

PCK2010 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCK2010
Description  CK98 100/133MHz Spread Spectrum System Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCK2010 Datasheet HTML 8Page - NXP Semiconductors PCK2010 Datasheet HTML 9Page - NXP Semiconductors PCK2010 Datasheet HTML 10Page - NXP Semiconductors PCK2010 Datasheet HTML 11Page - NXP Semiconductors PCK2010 Datasheet HTML 12Page - NXP Semiconductors PCK2010 Datasheet HTML 13Page - NXP Semiconductors PCK2010 Datasheet HTML 14Page - NXP Semiconductors PCK2010 Datasheet HTML 15Page - NXP Semiconductors PCK2010 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Philips Semiconductors
Preliminary specification
PCK2010
CK98 (100/133MHz) Spread Spectrum System Clock
Generator
1999 Mar 01
12
1 (inactive)
0 (100MHz)
0
1
(Reserved)
(Reserved)
100MHz, No Center
Spread
±0.5%
Active
1 (inactive)
0 (100MHz)
1
0
100MHz, No
Spread Spectrum
Inactive
100MHz, No Spread
Spectrum
Inactive
1 (inactive)
0 (100MHz)
1
1
100MHz, No
Spread Spectrum
Active
100MHz, No Down
Spread – 0.5%
Active
1 (inactive)
1 (133MHz)
0
0
Test Mode
Active
Test Mode
Active
1 (inactive)
1 (133MHz)
0
1
(Reserved)
(Reserved)
133MHz, No Center
Spread
±0.5%
Active
1 (inactive)
1 (133MHz)
1
0
133MHz, No
Spread Spectrum
Inactive
133MHz, No Spread
Spectrum
Inactive
1 (inactive)
1 (133MHz)
1
1
133MHz, No
Spread Spectrum
Active
133MHz, No Down
Spread – 0.5%
Active
AC WAVEFORMS
VM = 1.25V @ VDDQ2 and 1.5V @ VDDQ3
VX = VOL + 0.3V
VY = VOH –0.3V
VOL and VOH are the typical output voltage drop that occur with the
output load.
CPUCLK
@133MHz
1.5V
1.25V
VDDQ2
VSS
VDDQ3
VSS
THPOFFSET
SW00354
3v66
@66MHz
CPU leads 3V66
Figure 1. CPUCLK to 3V66 offset
1.5V
1.5V
PCICLK
@ 33MHz
VDDQ3
VSS
VDDQ3
VSS
THPOFFSET
SW00356
3V66 leads PCICLK
3V66
@ 66MHz
Figure 2. 3V66 to PCI offset
CPUCLK
@ 133MHz
1.25V
1.25V
IOAPIC
@ 16.6MHz
VDDQ2
VSS
VDDQ2
VSS
THPOFFSET
SW00357
CPUCLK leads IOAPIC
Figure 3. CPU to IOAPIC offset
THKP
DUTY CYCLE
THKH
TRISE
TFALL
THKL
TPKP
TPKH
TRISE
TFALL
TPKL
2.5V CLOCKING
INTERFACE
3.3V CLOCKING
INTERFACE
(TTL)
2.0
1.25
0.4
2.4
1.5
0.4
SW00242
Figure 4. 2.5V/3.3V clock waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com