Electronic Components Datasheet Search
  English  ▼

X  

B4161 Datasheet(PDF) 2 Page - EPCOS

Part # B4161
Description  Low-Loss Filter for Mobile Communication
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4161 Datasheet(HTML) 2 Page - EPCOS

  B4161 Datasheet HTML 1Page - EPCOS B4161 Datasheet HTML 2Page - EPCOS B4161 Datasheet HTML 3Page - EPCOS B4161 Datasheet HTML 4Page - EPCOS B4161 Datasheet HTML 5Page - EPCOS B4161 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Oct 6, 2005
SAW Components
B4161
860,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Ceramic package DCC6C
Features
s
Low-loss RF filter for iDEN mobile telephone,
receive path
s
Low insertion attenuation
s
Low amplitude ripple
s
No matching network required for operation
at 50
Ω
s
Ceramic Package for Surface Mounted
Technology (SMT)
s
RoHS compliant
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,037g
Pin configuration
2
Input
5
Output
1, 3, 4, 6
Case ground
Electrostatic Sensitive Device (ESD)
*-acc. to JESD22-A115A(Machine Model), 10 negative & 10 positive pulses
Type
Ordering code
Marking and Package
according to
Packing
according to
B4161
B39861-B4161-U410
C61157-A7-A67
F61074-V8168-Z000
Maximum ratings
Operable temperature range
T
– 40 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
5V
ESD voltage
V*ESD
100*
V
Machine Model, 10 pulses
Input power max.
PIN
0
dBm
source impedance 50
Ω
continuous wave



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com