Electronic Components Datasheet Search
  English  ▼

X  

B4161 Datasheet(PDF) 3 Page - EPCOS

Part # B4161
Description  Low-Loss Filter for Mobile Communication
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4161 Datasheet(HTML) 3 Page - EPCOS

  B4161 Datasheet HTML 1Page - EPCOS B4161 Datasheet HTML 2Page - EPCOS B4161 Datasheet HTML 3Page - EPCOS B4161 Datasheet HTML 4Page - EPCOS B4161 Datasheet HTML 5Page - EPCOS B4161 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Oct 6, 2005
SAW Components
B4161
860,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= 25
± 2˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
860,50
—
MHz
Maximum insertion attenuation
α
max
851,000 ... 870,000 MHz
—
2,3
2,7
dB
Amplitude ripple (p-p)
∆α
851,000 ... 870,000 MHz
—
0,7
1,0
dB
Group delay ripple (p-p)
∆τ
851,000 ... 870,000 MHz
—
37
50
ns
Attenuation
α
min
0,000 ... 795,000 MHz
45
61
—
dB
795,000 ... 806,000 MHz
40
49
—
dB
806,000 ... 825,000 MHz
37
56
—
dB
896,000 ... 902,000 MHz
28
35
—
dB
905,825 ... 924,825 MHz
27
39
—
dB
960,650 ... 979,650 MHz
37
53
—
dB
1070,300 ...1089,300 MHz
47
51
—
dB
1089,300 ...3000,000 MHz
27
36
—
dB
Input and output return loss
851,000 ... 870,000 MHz
11
12
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com