Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # SS12T3
Description  High Efficiency DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 5 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor SS12T3 Datasheet HTML 6Page - ON Semiconductor SS12T3 Datasheet HTML 7Page - ON Semiconductor SS12T3 Datasheet HTML 8Page - ON Semiconductor SS12T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Page 5
ON Semiconductor
High Efficiency DC-DC Converters
Boost Converters
Device
Package(s)
Topology
Frequency
Input Voltage
Output Voltage
Max Current
Typ Efficiency
Features
NCP100A
SOT--5
PWM
180 kHz
0.8 - 5.5 V
1.8 - 5.0 V
100 mA
88%
Enable Pin
NCP10
SOT--5
PFM
180 kHz
0.8 - 5.5 V
1.8 - 5.0 V
00 mA
85%
Enable Pin
NCP10
SOT--6
PFM
00 kHz
1. - 5.5 V
Up to 15 V
50 mA
8%
Enable Pin
NCP106
SOT--5
PFM
1000 kHz
1. - 5.5 V
Up to 5 V
50 mA
85%
Enable Pin
NCP110
Micro8™
PFM
600 kHz
1.0 - 5.5 V
1.5 - 5.5 V
50 mA
9%
Sync Rec, Low Battery Detection
NCP11
Micro8
PFM
100 kHz
1.0 - 5.0 V
1.5 - 5.0 V
600 mA
9%
True Cutoff, Ring-Killer, Low Battery Detection
NCP1
DFN-10
PFM
1. MHz
1.0 - 5.0 V
1.0 - 5.0 V
800 mA
9%
Sync Rec, True Cutoff, Low Battery Detection
NCP1
Micro10
PFM
600 kHz
0.8 - . V
1.8 - . V
00 mA
9%
Sync Rec, True Cutoff, Low Battery Detection,
Low Startup Voltage (0.8 V)
NCP150A
SOT--5
PWM
180 kHz
0.8 - 5.5 V
1.8 - 5.0 V
1000 mA
(Ext Switch)
88%
Enable Pin
1
3
GND
CE
2
OUT
NC
4
LX
5
Vout
Vin
C1
10 F
L1
D1
C2
68 F
22 H
Typical Boost Converter
Key Features
• High switching frequency allows use of
small inductors and capacitors
Feature
NCP1410
Competitor
Output Voltage Range
1.5 ~ 5.5 V
.0 ~ 5.5 V
Operation Startup Voltage
1.0 ~ 5.5 V
1.1 ~ 5.5 V
Max Switching Frequency
600 kHz
500 kHz
Inductor
15 to 
mH

mH
Output Ripple Voltage
 mA Typ
Not Specified
Efficiency
9% Typ
91% Typ
Operating Current @ IOUT = 0
9
mA Typ
16
mA Typ
Shutdown Current
0.05
mA Typ
0.1
mA Typ
Reference Voltage Accuracy
1.19 V ± 0.6%
1. V ± .0%
Optimize Figure-of-Merit with MOSFETs for DC-DC Conversion
mCool™ MOSFETs
Device
BVDSS
Polarity
Configuration
RDS(ON)*
Package
NTJD116N
0 V
N
Dual
<70 m
W
WDFN,  x  mm
NTLJF156N
0 V
N
FETKY
<70 m
W
WDFN,  x  mm
NTLJF117P
0 V
P
FETKY
<100 m
W
WDFN,  x  mm
NTLJD119C
0 V
N/P
Complementary
<70/100 m
W
WDFN,  x  mm
Other New MOSFETs
Device
BVDSS
Polarity
Configuration
RDS(ON)*
Package
NTHD10C
0 V
N/P
Complementary
<5/85 m
W
ChipFET™,  x  mm
NTGS1P
0 V
P
Single
<110 m
W
TSOP-6,  x  mm
NTGD1C
0 V
N/P
Complementary <80/15 m
W
TSOP-6,  x  mm
NTGF1F
0 V
P
FETKY
<80 m
W
TSOP-6,  x  mm
NTJS160N
0 V
N
Single
<85 m
W
SC-88,  x  mm
* RDS(ON) .5 Vgs
ASYNCHRONOUS BUCK
SYNCHRONOUS BOOST
SYNCHRONOUS BUCK
ASYNCHRONOUS BOOST
Complete
mCool™ Portfolio
• N-Channel & P-Channel
• Single, Dual, Complementary and
FETKY®
• 8 V, 0 V, 0 V
Key Performance Characteristics
• Low Rds(on) and Gate Charge Deliver
Low Figure-of-Merit Ratio
(<110 for Single N-Channel)
• Package Thermal Resistance of
8°C/W
• Package Footprints as Small as
 mm
• Low Profile <0.75 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com